Electronic Components Datasheet Search
  English  ▼

X  

2CL105 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL105
Description  9kV 450mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL105 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL105 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
-
nS
2CL105
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
450
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL105
Cathode Mark
20 min.
20 min.
21
o 7.0
o 1.2
Cathode Mark
Lot No.
9kV 450mA HIGH VOLTAGE DIODE
GETE ELECTRONICS CO.,LTD Http://www.getedz.com E-mail:sales@getedz.com
2012
=0V,f=1MHz
1
2CL10x
Type
Mark
2CL105
2CL105
11
30
3.0
30
9
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
2CL105
=IF(AV)
=VRRM
=VRRM


Similar Part No. - 2CL105

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL105 EDI-2CL105 Datasheet
49Kb / 1P
HIGH VOLTAGE, HIGH CURRENT SILICON RECTIFIER DIODES
logo
Anshan Leadsun Electron...
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
High Voltage Diode
More results

Similar Description - 2CL105

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
FRD13000 CYNERGY3-FRD13000 Datasheet
585Kb / 2P
fully screened 9kV, 6A
logo
Rugao Dachang Electroni...
CL01-09 DACHANG-CL01-09 Datasheet
109Kb / 2P
Plastic High Voltage Rectifier Reverse Voltage 9KV Forward Current 350mA
logo
GETAI ELECTRONICS DEVIC...
2CL103 GETEDZ-2CL103 Datasheet
80Kb / 1P
9kV 350mA HIGH VOLTAGE DIODE
2CL106 GETEDZ-2CL106 Datasheet
80Kb / 1P
12kV 450mA HIGH VOLTAGE DIODE
HV500F12 GETEDZ-HV500F12 Datasheet
80Kb / 1P
12kV 450mA HIGH VOLTAGE DIODE
logo
Central Semiconductor C...
CMUDM7004_8004 CENTRAL-CMUDM7004_8004 Datasheet
1Mb / 2P
30V, 450mA MOSFETs
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
GETAI ELECTRONICS DEVIC...
ESJC50F12 GETEDZ-ESJC50F12_16 Datasheet
476Kb / 2P
450mA 12kV 100nS--High voltage silicon rectifier diode
ESJC13-09 GETEDZ-ESJC13-09 Datasheet
69Kb / 1P
450mA 9kV HIGH VOLTAGE DIODES
HV500F12 GETEDZ-HV500F12_17 Datasheet
507Kb / 2P
450mA 12kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com