Electronic Components Datasheet Search
  English  ▼

X  

BR2 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR2
Description  2.0kV 2.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR2 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR2 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
2.0kV 2.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
BR2
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
2.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
BR2
Cathode Mark
27 min.
27 min.
9.0
o 5.0
o 1.28
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
BR2
Type
BR2
BR2
2.4
30
3.0
40
2.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)


Similar Part No. - BR2

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
BR2-1.3 PANDUIT-BR2-1.3 Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
BR2-1.3-A PANDUIT-BR2-1.3-A Datasheet
149Kb / 2P
STACKABLE CABLE RACK SPACERS
2001
BR2-1.3-A-X PANDUIT-BR2-1.3-A-X Datasheet
146Kb / 1P
Bundle Retainers
BR2-1.3-X PANDUIT-BR2-1.3-X Datasheet
146Kb / 1P
Bundle Retainers
BR2-1.3-X PANDUIT-BR2-1.3-X Datasheet
485Kb / 5P
Quick-Build™ Harness Board System
1/2016
More results

Similar Description - BR2

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR2F GETEDZ-BR2F Datasheet
68Kb / 1P
2.0kV 1.0A HIGH VOLTAGE DIODES
HVRM2 GETEDZ-HVRM2 Datasheet
71Kb / 1P
2.0kV 3.5A HIGH VOLTAGE DIODE
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
2.0kV 1.5A HIGH VOLTAGE DIODE
BR02-BR2 GETEDZ-BR02-BR2 Datasheet
68Kb / 1P
2.0kV 2.0A HIGH VOLTAGE DIODES
BR02 GETEDZ-BR02 Datasheet
520Kb / 2P
1.0A 2.0kV -High Voltage Medium and High Current Diodes
BR2F GETEDZ-BR2F_17 Datasheet
526Kb / 2P
900mA 2.0kV 100nS -High Voltage Medium and High Current Diodes
HVRM2 GETEDZ-HVRM2_17 Datasheet
520Kb / 2P
3.5A 2.0kV -High Voltage High Current Diodes
HVRW2 GETEDZ-HVRW2_17 Datasheet
530Kb / 2P
1.5A 2.0kV 150nS -High Voltage High Current Diodes
ESJA02-02S GETEDZ-ESJA02-02S_17 Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV20FP GETEDZ-NV20FP Datasheet
460Kb / 1P
20mA 2.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com