Electronic Components Datasheet Search
  English  ▼

X  

BR3F Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR3F
Description  3.0kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR3F Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR3F Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
3.0kV 1.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
BR3F
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
BR3F
Cathode Mark
27 min.
27 min.
9.0
o 5.0
o 1.28
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
BR3F
Type
BR3F
BR3F
9.0
50
5.0
20
3.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
150
nS
peak
=IF(AV)


Similar Part No. - BR3F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
logo
Stackpole Electronics, ...
BR3FB50L0 SEI-BR3FB50L0 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
BR3FB5L00 SEI-BR3FB5L00 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
BR3FBR100 SEI-BR3FBR100 Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F_1 Datasheet
517Kb / 2P
High Voltage Medium and High Current Diodes
More results

Similar Description - BR3F

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HC8 GETEDZ-HC8 Datasheet
120Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
HC10 GETEDZ-HC10 Datasheet
120Kb / 1P
10kV 1.0A HIGH VOLTAGE DIODES
HC10 GETEDZ-HC10_16 Datasheet
161Kb / 1P
10kV 1.0A HIGH VOLTAGE DIODES
HVRM3 GETEDZ-HVRM3_17 Datasheet
520Kb / 2P
3.0A 3.0kV -High Voltage High Current Diodes
HVRW3 GETEDZ-HVRW3_17 Datasheet
530Kb / 2P
1.5A 3.0kV 150nS -High Voltage High Current Diodes
NV30FP GETEDZ-NV30FP Datasheet
446Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV40FP GETEDZ-NV40FP Datasheet
446Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV50FP GETEDZ-NV50FP Datasheet
447Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
ESJA02-03S GETEDZ-ESJA02-03S_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV30FP GETEDZ-NV30FP_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com