Electronic Components Datasheet Search
  English  ▼

X  

BR4 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # BR4
Description  4.0kV 1.0A HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

BR4 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  BR4 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
4.0kV 1.0A HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
BR4
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
BR4
Cathode Mark
27 min.
27 min.
9.0
o 5.0
o 1.28
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
BR4
Type
BR4
BR4
4.4
30
3.0
20
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
--
nS
peak
=IF(AV)


Similar Part No. - BR4

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BR4.83 KINGBRIGHT-BR4.83 Datasheet
57Kb / 2P
SPACER FOR LED LAMP
logo
AVX Corporation
BR40 AVX-BR40 Datasheet
48Kb / 1P
SMPS Capacitors (CECC Offering)
logo
Arch Electronics Corp.
BR400 ARCH-BR400 Datasheet
293Kb / 3P
Over Current Protection (Hiccup Mode)
BR400-12S ARCH-BR400-12S Datasheet
293Kb / 3P
Input under Voltage Protection
BR400-12S-P ARCH-BR400-12S-P Datasheet
293Kb / 3P
Input under Voltage Protection
More results

Similar Description - BR4

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR4F GETEDZ-BR4F Datasheet
68Kb / 1P
4.0kV 0.8A HIGH VOLTAGE DIODES
HVRW4 GETEDZ-HVRW4 Datasheet
71Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODE
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-04A GETEDZ-ESJA54-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A_16 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
JB04 GETEDZ-JB04_16 Datasheet
71Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
BR04-BR4 GETEDZ-BR04-BR4 Datasheet
71Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODES
HVRW4 GETEDZ-HVRW4_17 Datasheet
530Kb / 2P
1.0A 4.0kV 150nS -High Voltage High Current Diodes
HV200F04 GETEDZ-HV200F04_17 Datasheet
460Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com