Electronic Components Datasheet Search
  English  ▼

X  

CL03-08 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # CL03-08
Description  8kV 400mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

CL03-08 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  CL03-08 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
100
nS
CL03-08
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
400
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
CL03-08
Cathode Mark
20 min.
20 min.
21
o 7.0
o 1.2
Cathode Mark
Lot No.
8kV 400mA HIGH VOLTAGE DIODE
GETE ELECTRONICS CO.,LTD Http://www.getedz.com E-mail:sales@getedz.com
2012
=0V,f=1MHz
15
CL03
Type
Mark
CL03-08
CL03-08
25
50
5.0
15
8
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
CL03-08
=IF(AV)
=VRRM
=VRRM


Similar Part No. - CL03-08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
CL03-08 GETEDZ-CL03-08 Datasheet
516Kb / 2P
High Voltage Medium Current Fast Recovery Diode
logo
Anshan Leadsun Electron...
CL03-08T LEADSUN-CL03-08T Datasheet
335Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
CL03-08 GETEDZ-CL03-08_1 Datasheet
516Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-08 GETEDZ-CL03-08_17 Datasheet
533Kb / 2P
400mA 8kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - CL03-08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2F GETEDZ-2CL2F Datasheet
63Kb / 1P
8kV 100mA HIGH VOLTAGE DIODE
2CL2FF GETEDZ-2CL2FF Datasheet
66Kb / 1P
8kV 60mA HIGH VOLTAGE DIODE
GT-FOB GETEDZ-GT-FOB Datasheet
101Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
HV37-08 GETEDZ-HV37-08 Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
HV37-08F GETEDZ-HV37-08F Datasheet
80Kb / 1P
8kV 400mA HIGH VOLTAGE DIODE
HV500F08 GETEDZ-HV500F08 Datasheet
80Kb / 1P
8kV 500mA HIGH VOLTAGE DIODE
HV500F15 GETEDZ-HV500F15 Datasheet
80Kb / 1P
15kV 400mA HIGH VOLTAGE DIODE
ESJC30-08 GETEDZ-ESJC30-08 Datasheet
101Kb / 1P
8kV 300mA HIGH VOLTAGE DIODE
HVRT080 GETEDZ-HVRT080_17 Datasheet
515Kb / 2P
30mA 8kV 100nS--High voltage silicon rectifier diode
CL03-08 GETEDZ-CL03-08_17 Datasheet
533Kb / 2P
400mA 8kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com