Electronic Components Datasheet Search
  English  ▼

X  

BUX85 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUX85
Description  SILCON DIFFUSED POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUX85 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUX85 Datasheet HTML 1Page - Comset Semiconductor BUX85 Datasheet HTML 2Page - Comset Semiconductor BUX85 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BUX84 – BUX85
COMSET SEMICONDUCTORS
1/3
S
SIIL
LC
CO
ON
N D
DIIF
FF
FU
US
SE
ED
D P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
The BUX84-BUX85 are NPN transistors mounted in Jedec TO-220 plastic package.
They are designed for high voltage, high speed power switching applications like converters,
inverters, switching regulators, motor control systems.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
BUX84
400
V
BUX85
450
VCESM
Collector-Emitter Voltage (open base)
BUX84
800
V
BUX85
1000
IC
Collector Current
IC
BUX84
2
A
BUX85
ICM
BUX84
3
A
BUX85
IB
Base Current
BUX84
0.75
A
BUX85
IBM
Base Current (peak value)
BUX84
1
A
BUX85
-IBM
Reverse Base Current (peak value) (1)
BUX84
1
A
BUX85
PD
Total Device Dissipation
@ TC = 50°
BUX84
40
Watts
BUX85
TJ
Junction Temperature
BUX84
150
°C
BUX85
TStg
Storage Temperature range
BUX84
-65 to +150
°C
BUX85
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-a
Thermal Resistance, Junction to mounting base
70
K/W
RthJ-mb
Thermal Resistance, Junction to ambient in free air
2.5
K/W


Similar Part No. - BUX85

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BUX85 MOSPEC-BUX85 Datasheet
102Kb / 2P
POWER TRANSISTORS(2A,400-450V,40W)
logo
Motorola, Inc
BUX85 MOTOROLA-BUX85 Datasheet
115Kb / 4P
2 AMPERES POWER TRANSISTOR NPN SILICON 450 VOLTS 50 WATTS
logo
NXP Semiconductors
BUX85 PHILIPS-BUX85 Datasheet
94Kb / 12P
Silicon diffused power transistors
1997 Aug 13
logo
Siemens Semiconductor G...
BUX85 SIEMENS-BUX85 Datasheet
106Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
BUX85 BOCA-BUX85 Datasheet
109Kb / 2P
SWITCHMODE SERIES NPN POWER TRANSISTORS
More results

Similar Description - BUX85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
Silicon diffused power transistors
1997 Aug 14
logo
Micro Electronics
BD241 MICRO-ELECTRONICS-BD241 Datasheet
97Kb / 2P
NPN SILCON EPITAXIAL BASE POWER TRANSISTORS
logo
NXP Semiconductors
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
SILICON DIFFUSED POWER TRANSISTORS
July 1988
logo
List of Unclassifed Man...
MPS-A63 ETC1-MPS-A63 Datasheet
42Kb / 2P
SILCON DARLINGTON TRANSISTORS
logo
Comset Semiconductor
BD201 COMSET-BD201 Datasheet
193Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2SC2914 NJSEMI-2SC2914 Datasheet
488Kb / 2P
SILCON NPN TRIPLE DIFFUSED TYPE
2N1722 NJSEMI-2N1722 Datasheet
163Kb / 1P
Triple Diffused Power Transistors
logo
Comset Semiconductor
BD201 COMSET-BD201_12 Datasheet
151Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
BD202 COMSET-BD202_12 Datasheet
151Kb / 3P
SILCON EPITAXIAL-BASE POWER TRANSISTORS
logo
SHIKUES Electronics
BCX51 SKTECHNOLGY-BCX51 Datasheet
1Mb / 4P
PNP Silcon Planar Medium Power Transistors In SOT89
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com