Electronic Components Datasheet Search
  English  ▼

X  

CL03-10 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # CL03-10
Description  10kV 300mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

CL03-10 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  CL03-10 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C
100
nS
CL03-10
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
300
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,VR
Units
V
µA
µA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
CL03-10
Cathode Mark
20 min.
20 min.
21
o 7.0
o 1.2
Cathode Mark
Lot No.
10kV 300mA HIGH VOLTAGE DIODE
GETE ELECTRONICS CO.,LTD Http://www.getedz.com E-mail:sales@getedz.com
2012
=0V,f=1MHz
15
CL03
Type
Mark
CL03-10
CL03-10
28
50
5.0
15
10
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
CL03-10
=IF(AV)
=VRRM
=VRRM


Similar Part No. - CL03-10

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
CL03-10 GETEDZ-CL03-10 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-10F GETEDZ-CL03-10F Datasheet
80Kb / 1P
10kV 300mA HIGH VOLTAGE DIODE
CL03-10F GETEDZ-CL03-10F Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
CL03-10F GETEDZ-CL03-10F_17 Datasheet
515Kb / 2P
High Voltage Medium Current Fast Recovery Diode
logo
American Microsemicondu...
CL03-10T AMMSEMI-CL03-10T Datasheet
673Kb / 4P
High Voltage Rectifier Series
More results

Similar Description - CL03-10

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FG GETEDZ-2CL2FG Datasheet
66Kb / 1P
10kV 60mA HIGH VOLTAGE DIODE
2CL2FK GETEDZ-2CL2FK Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL2G GETEDZ-2CL2G Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
CL03-10F GETEDZ-CL03-10F Datasheet
80Kb / 1P
10kV 300mA HIGH VOLTAGE DIODE
HV37-10 GETEDZ-HV37-10 Datasheet
80Kb / 1P
10kV 350mA HIGH VOLTAGE DIODE
HV37-10F GETEDZ-HV37-10F Datasheet
80Kb / 1P
10kV 350mA HIGH VOLTAGE DIODE
HV500F10 GETEDZ-HV500F10 Datasheet
80Kb / 1P
10kV 500mA HIGH VOLTAGE DIODE
1N6519 GETEDZ-1N6519_16 Datasheet
476Kb / 2P
500mA 10kV 70nS-HIGH VOLTAGE DIODE
HV10G10 GETEDZ-HV10G10_16 Datasheet
348Kb / 2P
10mA 10kV 100nS-HIGH VOLTAGE DIODE
HV-T72 GETEDZ-HV-T72_16 Datasheet
351Kb / 2P
5mA 10kV 80nS-HIGH VOLTAGE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com