Electronic Components Datasheet Search
  English  ▼

X  

BUZ71 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUZ71
Description  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ71 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUZ71 Datasheet HTML 1Page - Comset Semiconductor BUZ71 Datasheet HTML 2Page - Comset Semiconductor BUZ71 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BUZ71
01/10/2012
COMSET SEMICONDUCTORS
1/3
SEMICONDUCTORS
N CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
FEATURE
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VDS
Drain-Source Voltage
50
V
IDS
Continuous Drain Current TC= 37°C
14
A
IDM
Pulsed Drain Current TC= 25°C
56
IAR
Avalanche Current, Limited by Tjmax
14
EAS
Avalanche Energy, Single pulse
ID = 14 A, VDD = 25 V, RGS = 25 Ω, L= 30.6 µH, Tj = 25°C
6
mJ
EAR
Avalanche Energy, Periodic Limited by Tjmax
1
VGS
Gate-Source Voltage
20
V
RDS(on)
Drain-Source on Resistance
0.1
Ω
PT
Power Dissipation at Case Temperature TC= 25°C
40
W
tJ
Operating Temperature
-55 to +150
°C
tstg
Storage Temperature range
-55 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, junction-case
3.1
K/W
RthJA
Thermal Resistance, junction-ambient
75
N channel in a plastic TO220 package.
They are intended for use in switched mode power supplies,
motor control, welding,
DC-DC & DC-AC converters, and in general purpose
switching applications.
Compliance to RoHS.


Similar Part No. - BUZ71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ71 STMICROELECTRONICS-BUZ71 Datasheet
79Kb / 8P
N - CHANNEL 50V - 0.085W - 17A TO-220 STripFET] POWER MOSFET
Jul-1999
logo
Siemens Semiconductor G...
BUZ71 SIEMENS-BUZ71 Datasheet
130Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Intersil Corporation
BUZ71 INTERSIL-BUZ71 Datasheet
48Kb / 6P
14A, 50V, 0.100 Ohm, N-Channel Power MOSFET
June 1999
logo
New Jersey Semi-Conduct...
BUZ71 NJSEMI-BUZ71 Datasheet
91Kb / 2P
Power Field Effect Transistor
logo
List of Unclassifed Man...
BUZ71 ETC2-BUZ71 Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - BUZ71

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP364 STMICROELECTRONICS-SGSP364 Datasheet
166Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com