Electronic Components Datasheet Search
  English  ▼

X  

BUZ74 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BUZ74
Description  N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BUZ74 Datasheet(HTML) 1 Page - Comset Semiconductor

  BUZ74 Datasheet HTML 1Page - Comset Semiconductor BUZ74 Datasheet HTML 2Page - Comset Semiconductor BUZ74 Datasheet HTML 3Page - Comset Semiconductor BUZ74 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BUZ74
01/10/2012
COMSET SEMICONDUCTORS
1/4
SEMICONDUCTORS
N CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
FEATURE
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VDS
Drain-Source Voltage
500
V
IDS
Continuous Drain Current TC= 37°C
2.4
A
IDM
Pulsed Drain Current TC= 25°C
9.5
IAR
Avalanche Current, Limited by Tjmax
2.4
EAS
Avalanche Energy, Single pulse
ID = 2.4 A, VDD = 50 V, RGS = 25 Ω, L= 56.3 µH, Tj = 25°C
180
mJ
EAR
Avalanche Energy, Periodic Limited by Tjmax
5
VGS
Gate-Source Voltage
20
V
RDS(on)
Drain-Source on Resistance
3
Ω
PT
Power Dissipation at Case Temperature TC= 25°C
40
W
tJ
Operating Temperature
-55 to +150
°C
tstg
Storage Temperature range
-55 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJC
Thermal Resistance, junction-case
3.1
K/W
RthJA
Thermal Resistance, junction-ambient
75
N channel in a plastic TO220 package.
They are intended for use in switched mode power supplies,
motor control, welding,
DC-DC & DC-AC converters, and in general purpose
switching applications.
Compliance to RoHS.


Similar Part No. - BUZ74

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ74 SIEMENS-BUZ74 Datasheet
205Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ74 ISC-BUZ74 Datasheet
66Kb / 2P
Fast Switching Speed
logo
Siemens Semiconductor G...
BUZ74A SIEMENS-BUZ74A Datasheet
200Kb / 9P
SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
logo
Inchange Semiconductor ...
BUZ74A ISC-BUZ74A Datasheet
66Kb / 2P
Fast Switching Speed
More results

Similar Description - BUZ74

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
IRF620 STMICROELECTRONICS-IRF620 Datasheet
184Kb / 9P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Nov-1996
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com