Electronic Components Datasheet Search
  English  ▼

X  

LM317K Datasheet(PDF) 1 Page - Comset Semiconductor

Part # LM317K
Description  3-Terminal Positive Adjustable Regulators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

LM317K Datasheet(HTML) 1 Page - Comset Semiconductor

  LM317K Datasheet HTML 1Page - Comset Semiconductor LM317K Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LM317K
02/10/2012
COMSET SEMICONDUCTORS
1/2
3-Terminal Positive Adjustable Regulators
GENERAL DESCRIPTION
The LM317T are monolithic integrated circuits in TO220 packages.
They are intended for use as positive adjustable voltage regulators, and designed to supply
more than 1.5A of load current whit an output voltage adjustable over a 1.2 to 37V range.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
Vi-Vo
Input-Output Voltage Differential
40
V
Io
Output Current
1.5
A
PD
Power Dissipation
Internally
Limited
W
TOP
Operating Junction Temperature
0° to 125
°C
TSTG
Storage Temperature
-65° to 150
°C
THERMAL DATA
Symbol
Ratings
Value
Unit
RthJC
From Junction to Case Thermal Resistance
1.67
°C/W
RthJA
From Junction to Free-Air Thermal Resistance
62.5
CHARACTERISTICS
Vi-Vo = 5 V, IO = 500 mA, IMAX = 1.5 A, PMAX = 20 W, unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VREF
Reference Voltage
Vi-Vo = 5 V
IO = 40 to 500 mA
1.2
1.25
1.3
V
∆ V
o
Line Regulation
Vi-Vo = 3 to 40 V
IO = 500 mA
-
-
0.05
%/V
∆ V
o
Load Regulation
Vi-Vo = 5 V
IO = 10mA to 1.5 A
-
-
1
%
IADJ
Adjustment Pin Current
Vi-Vo = 5 V
IO = 40 to 500 mA
-
-
100
µA
∆ I
ADJ
Adjustment Pin Current
Vi-Vo = 3 to 40 V
IO = 40 to 500 mA
-
-
5
µA
∆ I
ADJ
Adjustment Pin Current
Vi-Vo = 5 V
IO = 10mA to 1.5 A
-
-
5
µA
SVR
Ripple Rejection
Vi-Vo = 5 V; IO= 500 m A
VO= 10 V; f= 100 Hz
CADJ = 10 µF
66
-
-
dB


Similar Part No. - LM317K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
99Kb / 11P
1.2V TO 37V VOLTAGE REGULATOR
Nov-1999
LM317K STMICROELECTRONICS-LM317K Datasheet
1,023Kb / 25P
1.2 V to 37 V adjustable voltage regulators
06-Feb-2008
logo
Seme LAB
LM317K SEME-LAB-LM317K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Inchange Semiconductor ...
LM317K ISC-LM317K Datasheet
124Kb / 1P
Adjustable Voltage Regulator
logo
STMicroelectronics
LM317K STMICROELECTRONICS-LM317K Datasheet
1Mb / 25P
1.2 V to 37 V adjustable voltage regulators
13-Feb-2012
More results

Similar Description - LM317K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM237 TI-LM237 Datasheet
273Kb / 10P
3-TERMINAL ADJUSTABLE REGULATORS
TL317 TI-TL317 Datasheet
120Kb / 7P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Wing Shing Computer Com...
LM317 WINGS-LM317 Datasheet
213Kb / 3P
3-TERMINAL ADJUSTABLE REGULATORS
WS337L WINGS-WS337L Datasheet
113Kb / 1P
3-TERMINAL ADJUSTABLE REGULATORS
logo
Vishay Siliconix
LM317 VISHAY-LM317 Datasheet
118Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
30-Oct-02
LM317CM VISHAY-LM317CM Datasheet
123Kb / 6P
3-Terminal Adjustable Output Positive Voltage Regulators
29-Nov-01
logo
First Components Intern...
LM317 FCI-LM317 Datasheet
535Kb / 9P
3-Terminal Adjustable Output positive voltage Regulators
logo
Linear Dimensions Semic...
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
3-Terminal Adjustable Regulators
logo
Comset Semiconductor
LM317T COMSET-LM317T Datasheet
96Kb / 2P
3-Terminal Positive Adjustable Regulators
logo
First Components Intern...
LM317E FCI-LM317E Datasheet
538Kb / 9P
LM317-3 Terminal Adjustable Output Positive Voltage Regulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com