Electronic Components Datasheet Search
  English  ▼

X  

LM7824CT Datasheet(PDF) 2 Page - Comset Semiconductor

Part # LM7824CT
Description  Positive Voltage Regulators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

LM7824CT Datasheet(HTML) 2 Page - Comset Semiconductor

  LM7824CT Datasheet HTML 1Page - Comset Semiconductor LM7824CT Datasheet HTML 2Page - Comset Semiconductor LM7824CT Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LM7805CT - LM7812CT- LM7824CT
02/10/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS OF LM7805CT
TC = 25°C
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VO
Output Voltage
Vi = 20 V; IO = 500 mA
4.75
5
5.25
V
∆ V
V
Line Regulation
8 V
≤ V
i ≤ 20 V; IO = 500 mA
-
-
100
mV
∆ V
I
Load Regulation
Vi = 14 V; 5 mA ≤ IO ≤ 1 A
-
-
100
mV
IB
Quiescent Current
Vi- = 14 V; IO = 1 A
-
-
8
mA
∆ I
B1
Quiescent Current
Change
Vi = 14 V; 5 mA ≤ IO ≤ 1 A
-
-
1.43
µA
∆ I
B2
Quiescent Current
Change
8 V
≤ V
i ≤ 20 V; IO = 500 mA
-
-
0.45
µA
ELECTRICAL CHARACTERISTICS OF LM7812CT
TC = 25°C
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VO
Output Voltage
Vi = 19 V; IO = 500 mA
11.75
12
12.25
V
∆ V
V
Line Regulation
14.8 V
≤ V
i ≤ 30 V
IO = 500 mA
-
-
120
mV
∆ V
I
Load Regulation
Vi = 19 V; 5 mA ≤ IO ≤ 1 A
-
-
100
mV
IB
Quiescent Current
Vi- = 19 V; IO = 1 A
-
-
6
mA
∆ I
B1
Quiescent Current
Change
Vi = 19 V; 5 mA ≤ IO ≤ 1 A
-
-
0.5
µA
∆ I
B2
Quiescent Current
Change
15 V
≤ V
i ≤ 30 V
IO = 500 mA
-
-
0.8
µA
ELECTRICAL CHARACTERISTICS OF LM7824CT
TC = 25°C
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VO
Output Voltage
Vi = 33 V; IO = 1 A
23..5
24
24.5
V
∆ V
V
Line Regulation
26.7 V
≤ V
i ≤ 38 V
IO = 1 A
-
-
240
mV
∆ V
I
Load Regulation
5 mA
≤ I
O ≤ 1.5 A
-
-
100
mV
IB
Quiescent Current
-
-
6
mA
∆ I
B1
Quiescent Current
Change
Vi = 33 V; 5 mA ≤ IO ≤ 1 A
-
-
0.5
µA
∆ I
B2
Quiescent Current
Change
27.3 V
≤ V
i ≤ 38 V; IO = 1 A
-
-
0.8
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com