Electronic Components Datasheet Search
  English  ▼

X  

MHW804 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MHW804
Description  4.0 WATTS 800 to 940 MHz RF POWER AMPLIFIERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MHW804 Datasheet(HTML) 3 Page - Motorola, Inc

  MHW804 Datasheet HTML 1Page - Motorola, Inc MHW804 Datasheet HTML 2Page - Motorola, Inc MHW804 Datasheet HTML 3Page - Motorola, Inc MHW804 Datasheet HTML 4Page - Motorola, Inc MHW804 Datasheet HTML 5Page - Motorola, Inc MHW804 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
MHW804–1 MHW804–2
MOTOROLA RF DEVICE DATA
5
4
3
1
2
0
880
780
800
820
840
860
f, FREQUENCY (MHz)
Figure 2. Control Voltage, Efficiency and
VSWR versus Frequency
40
35
30
1.5:1
2.0:1
1.0:1
TYPICAL CHARACTERISTICS
5
0
1
2
3
4
6
5
4
2
3
1
VCONT, CONTROL VOLTAGE (Vdc)
Figure 3. Output Power versus Control Voltage
880
780
800
820
840
860
6
5
4
2
3
1
f, FREQUENCY (MHz)
Figure 4. Output Power versus Frequency
5
4
3
1
2
0
Pin = 1 mW
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc
Pout = 4 W
TC, CASE TEMPERATURE (°C)
Figure 5. Control Voltage Case Temperature
– 80
– 60 – 40
– 0
20
40
60
100
– 20
80
f = 870 MHz
5
4
3
1
2
0
TC, CASE TEMPERATURE (°C)
Figure 6. Output Power versus Case Temperature
– 80 – 60 – 40
– 0
20
40
60
100
– 20
80
7
6
5
3
4
2
TC, CASE TEMPERATURE (°C)
Figure 7. Output Power versus Case Temperature
at Maximum Control Voltage
– 80 – 60 – 40
– 0
20
40
60
100
– 20
80
f = 800 MHz
Pin = 1 mW
Pout = 4 W
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc
η
Vcont
VSWR
Pin = 1 mW
Vcont = 3.75 Vdc
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5Vdc
Pin set for 4 W @ TC = 20°C
Vcont = 3.75 V
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc
Pin = 1 mW
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc
Vcont = 4 Vdc
f = 800 MHz
835 MHz
870 MHz
800 MHz
870 MHz
f = 800 MHz
870 MHz
Pin = 1 mW
Vs1 = Vs2 = Vs3 = Vs4 = Vs5 = 7.5 Vdc



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com