Electronic Components Datasheet Search
  English  ▼

X  

HVRL400 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRL400
Description  40kV 30mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRL400 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRL400 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRL400
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=40kV
at 100°C,VR=40kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRL400
Cathode Mark
25 min.
25 min.
15
o 4.2
o 0.8
Cathode Mark
Lot No.
40kV 30mA HIGH VOLTAGE DIODE
GETE ELECTRONICS CO.,LTD Http://www.getedz.com E-mail:sales@getedz.com
2012
=0V,f=1MHz
1.0
HVRL
Type
Mark
HVRL400
HVRL400
50
20
2.0
5.0
40
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
HVRL
400
400
at 25°C,IF=IF(AV)


Similar Part No. - HVRL400

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRL400 GETEDZ-HVRL400_16 Datasheet
90Kb / 1P
40kV 30mA HIGH VOLTAGE DIODE
More results

Similar Description - HVRL400

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRL150 GETEDZ-HVRL150 Datasheet
74Kb / 1P
15kV 30mA HIGH VOLTAGE DIODE
HVRL200 GETEDZ-HVRL200 Datasheet
77Kb / 1P
20kV 30mA HIGH VOLTAGE DIODE
HVRL250 GETEDZ-HVRL250 Datasheet
77Kb / 1P
25kV 30mA HIGH VOLTAGE DIODE
HVRL300 GETEDZ-HVRL300 Datasheet
77Kb / 1P
30kV 30mA HIGH VOLTAGE DIODE
HVRL150 GETEDZ-HVRL150_16 Datasheet
95Kb / 1P
15kV 30mA HIGH VOLTAGE DIODE
HVRL200 GETEDZ-HVRL200_16 Datasheet
101Kb / 1P
20kV 30mA HIGH VOLTAGE DIODE
HVRL250 GETEDZ-HVRL250_16 Datasheet
101Kb / 1P
25kV 30mA HIGH VOLTAGE DIODE
HVRL300 GETEDZ-HVRL300_16 Datasheet
121Kb / 1P
30kV 30mA HIGH VOLTAGE DIODE
HVRL400 GETEDZ-HVRL400_16 Datasheet
90Kb / 1P
40kV 30mA HIGH VOLTAGE DIODE
HVRT120 GETEDZ-HVRT120_17 Datasheet
514Kb / 2P
30mA 12kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com