Electronic Components Datasheet Search
  English  ▼

X  

TIC108C Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIC108C
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC108C Datasheet(HTML) 3 Page - Comset Semiconductor

  TIC108C Datasheet HTML 1Page - Comset Semiconductor TIC108C Datasheet HTML 2Page - Comset Semiconductor TIC108C Datasheet HTML 3Page - Comset Semiconductor TIC108C Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TIC108A, TIC108B, TIC108C, TIC108D, TIC108E, TIC108M,
TIC108N, TIC108S
02/10/2012
COMSET SEMICONDUCTORS
3 | 3
SEMICONDUCTORS
Notes:
1.
These values apply when the gate-cathode resistance RGK = 1k
2.
These values apply for continuous dc operation with resistive load. Above 80°C derate linearly to
zero at 110°C.
3.
This value may be applied continuously under single phase 50 Hz half-sine-wave operation with
resistive load. Above 80°C derate linearly to zero at 110°C.
4.
This value applies for one 50 Hz half-sine-wave when the device is operating at (or below) the rated
value of peak reverse voltage and on-state current. Surge may be repeated after the device has
returned to original thermal equilibrium.
5.
This value applies for a maximum averaging time of 20 ms.
6. This parameters must be measured using pulse techniques, tW = 300µs, duty cycle ≤ 2 %, voltage-
sensing contacts, separate from the courrent-carrying contacts, are located within 3.2mm (1/8 inch)
from de device body.
MECHANICAL DATA CASE TO-220



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com