Electronic Components Datasheet Search
  English  ▼

X  

TIC108S Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIC108S
Description  P-N-P-N SILICON REVERSE-BLOCKING TRIODE THYRISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIC108S Datasheet(HTML) 2 Page - Comset Semiconductor

  TIC108S Datasheet HTML 1Page - Comset Semiconductor TIC108S Datasheet HTML 2Page - Comset Semiconductor TIC108S Datasheet HTML 3Page - Comset Semiconductor TIC108S Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TIC108A, TIC108B, TIC108C, TIC108D, TIC108E, TIC108M,
TIC108N, TIC108S
02/10/2012
COMSET SEMICONDUCTORS
2 | 3
SEMICONDUCTORS
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
tgt
Gate-controlled
Turn-on time
VAA = 30 V, RL = 6 Ω
RGK(eff) = 5 kΩ, Vin = 50 V
2.9
µs
tq
Circuit-communicated
Turn-off time
VAA = 30 V, RL = 6 Ω
IRM ≈ 8 A
13.3
R∂JC
Junction to case thermal resistance
≤ 3.5
°C/W
R∂JA
Junction to free air thermal resistance
≤ 62.5
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ Max Unit
IDRM
Repetitive peak off-state
current
VD = Rated VDRM
RGK = 1 kΩ, TC = 110°C
-
-
400
µA
IRRM
Repetitive peak reverse
current
VR = Rated VRRM, IG = 0
TC = 110°C
-
-
1
mA
IGT
Gate trigger current
VAA = 6 V, RL = 100 Ω
tp(g) ≥ 20µs
0.2
-
200
µA
VGT
Gate trigger voltage
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = -40°C
-
-
1.2
V
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
0.4
0.6
1
VAA = 6 V, RL = 100 Ω
RGK = 1 kΩ, tp(g) ≥ 20µs
TC = 110°C
0.2
-
-
IH
Holding current
VAA = 6 V, RGK = 1 kΩ
initiating IT = 20 mA
-
-
10
mA
VAA = 6 V, RGK = 1 kΩ
initiating IT = 20 mA
TC = -40°C
-
-
15
VTM
Peak on-state voltage
ITM = 5A (see Note6)
-
-
1.7
V
dv/dt
Critical rate of rise of off-state
voltage
VD = Rated VD, RGK = 1 kΩ
TC = 110°C
-
80
-
V/µs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com