Electronic Components Datasheet Search
  English  ▼

X  

HVRT100 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT100
Description  10kV 30mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT100 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT100 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRT100
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
125
100
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=10kV
at 100°C,VR=10kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRT100
Cathode Mark
29 min.
29 min.
10
o 3.0
o 0.6
Cathode Mark
Lot No.
10kV 30mA HIGH VOLTAGE DIODES
2012
=0V,f=1MHz
1.0
HVRT
Type
Mark
HVRT100
HVRT100
23
20
2.0
3.0
10
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
at 25°C,IF =IF(AV)
HVCA
TM
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com


Similar Part No. - HVRT100

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
HVRT100 LEADSUN-HVRT100 Datasheet
286Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
HVRT100 GETEDZ-HVRT100_16 Datasheet
90Kb / 1P
8kV 30mA HIGH VOLTAGE DIODES
HVRT100 GETEDZ-HVRT100_17 Datasheet
514Kb / 2P
30mA 10kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - HVRT100

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL72 GETEDZ-2CL72 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
BR10F GETEDZ-BR10F Datasheet
68Kb / 1P
10kV 0.4A HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HVC10F GETEDZ-HVC10F Datasheet
72Kb / 1P
10kV 200mA HIGH VOLTAGE DIODES
HV600S10 GETEDZ-HV600S10 Datasheet
68Kb / 1P
600mA 10kV HIGH VOLTAGE DIODES
2CL72 GETEDZ-2CL72_16 Datasheet
72Kb / 1P
5mA 10kV HIGH VOLTAGE DIODES
HV500F10 GETEDZ-HV500F10_16 Datasheet
68Kb / 1P
500mA 10kV HIGH VOLTAGE DIODES
HVP10 GETEDZ-HVP10 Datasheet
159Kb / 1P
10kV 750mA HIGH VOLTAGE DIODES
HV10G10 GETEDZ-HV10G10 Datasheet
619Kb / 2P
10mA 10kV 100nS-- High Voltage Diodes
HVRT100 GETEDZ-HVRT100_17 Datasheet
514Kb / 2P
30mA 10kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com