Electronic Components Datasheet Search
  English  ▼

X  

HVRT120 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT120
Description  12kV 30mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT120 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT120 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRT120
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
125
100
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=12kV
at 100°C,VR=12kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRT120
Cathode Mark
29 min.
29 min.
10
o 3.0
o 0.6
Cathode Mark
Lot No.
12kV 30mA HIGH VOLTAGE DIODES
2012
=0V,f=1MHz
1.0
HVRT
Type
Mark
HVRT120
HVRT120
25
20
2.0
3.0
12
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
HVCA
TM
at 25°C,IF =IF(AV)


Similar Part No. - HVRT120

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRT120 GETEDZ-HVRT120 Datasheet
514Kb / 2P
30mA 12kV 100nS--High voltage silicon rectifier diode
logo
Anshan Leadsun Electron...
HVRT120 LEADSUN-HVRT120 Datasheet
286Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_17 Datasheet
514Kb / 2P
30mA 12kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - HVRT120

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR12 GETEDZ-BR12 Datasheet
68Kb / 1P
12kV 350mA HIGH VOLTAGE DIODES
HVP-12 GETEDZ-HVP-12 Datasheet
127Kb / 1P
12kV 750mA HIGH VOLTAGE DIODES
ESJA52-12A GETEDZ-ESJA52-12A Datasheet
75Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
HC12 GETEDZ-HC12 Datasheet
120Kb / 1P
12kV 0.8A HIGH VOLTAGE DIODES
ESJC13-12 GETEDZ-ESJC13-12 Datasheet
69Kb / 1P
350mA 12kV HIGH VOLTAGE DIODES
HV600S12 GETEDZ-HV600S12 Datasheet
68Kb / 1P
600mA 12kV HIGH VOLTAGE DIODES
ESJA08-12 GETEDZ-ESJA08-12 Datasheet
63Kb / 1P
12kV 5mA HIGH VOLTAGE DIODES
2CL73 GETEDZ-2CL73_16 Datasheet
75Kb / 1P
5mA 12kV HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_16 Datasheet
90Kb / 1P
12kV 30mA HIGH VOLTAGE DIODES
HVRT120 GETEDZ-HVRT120_17 Datasheet
514Kb / 2P
30mA 12kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com