Electronic Components Datasheet Search
  English  ▼

X  

HVRT200 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRT200
Description  20kV 30mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRT200 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRT200 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Maximum Reverse Recovery Time
Trr
at 25°C,I
=4mA
100
nS
HVRT200
Features
High speed switching
Low VF
High surge resisitivity for CRT discharge
High reliability design
Ultra small pakage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
10mS Sine-half wave
peak value
Ta=25°C,Resistive Load
30
125
100
-40 to +125
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR=20kV
at 100°C,VR=20kV
Units
V
µA
µA
F
=2mA,IR
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRT200
Cathode Mark
29 min.
29 min.
12
o 3.0
o 0.6
Cathode Mark
Lot No.
20kV 30mA HIGH VOLTAGE DIODES
2012
=0V,f=1MHz
1.0
HVRT
Type
Mark
HVRT200
HVRT200
35
20
2.0
3.0
20
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
at 25°C,IF =IF(AV)
HVCA
TM


Similar Part No. - HVRT200

ManufacturerPart #DatasheetDescription
logo
Anshan Leadsun Electron...
HVRT200 LEADSUN-HVRT200 Datasheet
286Kb / 1P
High Voltage Diode
logo
GETAI ELECTRONICS DEVIC...
HVRT200 GETEDZ-HVRT200_16 Datasheet
90Kb / 1P
20kV 30mA HIGH VOLTAGE DIODES
HVRT200 GETEDZ-HVRT200_17 Datasheet
514Kb / 2P
30mA 20kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - HVRT200

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVP-20 GETEDZ-HVP-20 Datasheet
127Kb / 1P
20kV 750mA HIGH VOLTAGE DIODES
HVRL200 GETEDZ-HVRL200 Datasheet
77Kb / 1P
20kV 30mA HIGH VOLTAGE DIODE
HC20 GETEDZ-HC20 Datasheet
120Kb / 1P
20kV 0.6A HIGH VOLTAGE DIODES
SHV-20 GETEDZ-SHV-20 Datasheet
68Kb / 1P
20kV 5mA HIGH VOLTAGE DIODES
HV600S20 GETEDZ-HV600S20 Datasheet
68Kb / 1P
400mA 20kV HIGH VOLTAGE DIODES
G20FP GETEDZ-G20FP_16 Datasheet
72Kb / 1P
20kV 10mA HIGH VOLTAGE DIODES
2CL77 GETEDZ-2CL77_16 Datasheet
78Kb / 1P
5mA 20kV HIGH VOLTAGE DIODES
HVRL200 GETEDZ-HVRL200_16 Datasheet
101Kb / 1P
20kV 30mA HIGH VOLTAGE DIODE
HVRT200 GETEDZ-HVRT200_16 Datasheet
90Kb / 1P
20kV 30mA HIGH VOLTAGE DIODES
HVRT200 GETEDZ-HVRT200_17 Datasheet
514Kb / 2P
30mA 20kV 100nS--High voltage silicon rectifier diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com