Electronic Components Datasheet Search
  English  ▼

X  

HVRW3 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRW3
Description  3.0kV 1.5A HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRW3 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRW3 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
3.0kV 1.5A HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
HVRW3
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.5
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRW3
Cathode Mark
27 min.
27 min.
9.0
o 9.0
o 1.2
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HVRWx
Type
HVRW3
HVRW3
5.0
500
50
60
3.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
150
nS
peak
at 25°C,IF =IF(AV)


Similar Part No. - HVRW3

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVRW39 SEI-HVRW39 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW39BC100M SEI-HVRW39BC100M Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW39BC2G00 SEI-HVRW39BC2G00 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW39BC30M0 SEI-HVRW39BC30M0 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW39BD100M SEI-HVRW39BD100M Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
More results

Similar Description - HVRW3

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR3F GETEDZ-BR3F Datasheet
68Kb / 1P
3.0kV 1.0A HIGH VOLTAGE DIODES
HVRM3 GETEDZ-HVRM3 Datasheet
71Kb / 1P
3.0kV 3.0A HIGH VOLTAGE DIODE
HVRW2 GETEDZ-HVRW2 Datasheet
71Kb / 1P
2.0kV 1.5A HIGH VOLTAGE DIODE
R3000F GETEDZ-R3000F_16 Datasheet
296Kb / 2P
200mA 3.0kV 500nS-HIGH VOLTAGE DIODE
HVRM3 GETEDZ-HVRM3_17 Datasheet
520Kb / 2P
3.0A 3.0kV -High Voltage High Current Diodes
HVRW3 GETEDZ-HVRW3_17 Datasheet
530Kb / 2P
1.5A 3.0kV 150nS -High Voltage High Current Diodes
NV30FP GETEDZ-NV30FP Datasheet
446Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV40FP GETEDZ-NV40FP Datasheet
446Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV50FP GETEDZ-NV50FP Datasheet
447Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
NV30FP GETEDZ-NV30FP_17 Datasheet
460Kb / 1P
20mA 3.0kV 100nS SUBMINIATURE HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com