Electronic Components Datasheet Search
  English  ▼

X  

JB08 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # JB08
Description  8.0kV 5mA HIGH VOLTAGE DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

JB08 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  JB08 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
8.0kV 5mA HIGH VOLTAGE DIODES
Maximum Reverse Recovery Time
Trr
at 25°C
JB08
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
5.0
120
120
-40 to +120
Units
kV
mA
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
JB08
Cathode Mark
31 min.
31 min.
4.8
o 2.0
o 0.5
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
1.0
JB08
Type
JB08
JB08
25
5.0
2.0
0.5
8.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
100
nS
peak
=IF(AV)


Similar Part No. - JB08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
JB08 GETEDZ-JB08_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
More results

Similar Description - JB08

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
JB04 GETEDZ-JB04 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA54-08A GETEDZ-ESJA54-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA08-08 GETEDZ-ESJA08-08 Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A Datasheet
68Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC8 GETEDZ-HC8 Datasheet
120Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
ESJA58-08A GETEDZ-ESJA58-08A_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HV-T71 GETEDZ-HV-T71_16 Datasheet
350Kb / 2P
5mA 8.0kV 80nS-HIGH VOLTAGE DIODE
JB08 GETEDZ-JB08_16 Datasheet
71Kb / 1P
8.0kV 5mA HIGH VOLTAGE DIODES
HC08 GETEDZ-HC08 Datasheet
161Kb / 1P
8.0kV 1.0A HIGH VOLTAGE DIODES
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
8.0kV 750mA HIGH VOLTAGE DIODES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com