Electronic Components Datasheet Search
  English  ▼

X  

TIP42A Datasheet(PDF) 3 Page - Comset Semiconductor

Part # TIP42A
Description  SILICON POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP42A Datasheet(HTML) 3 Page - Comset Semiconductor

  TIP42A Datasheet HTML 1Page - Comset Semiconductor TIP42A Datasheet HTML 2Page - Comset Semiconductor TIP42A Datasheet HTML 3Page - Comset Semiconductor TIP42A Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PNP TIP42-A-B-C
04/10/2012
COMSET SEMICONDUCTORS
3 | 4
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ICES
Collector Cutoff Current
IE= 0, VCE = -VCEO
TIP42
-
-
-0.4
Ma
TIP42A
TIP42B
TIP42C
ICEO
Collector Cutoff Current
IB= 0, VCE = -30V
TIP42
-
-
-0.7
mA
TIP42A
IB= 0, VCE = -60V
TIP42B
-
-
-0.7
TIP42C
IEBO
Emitter Cutoff Current
VEB= -5 V, IC= 0
TIP42
-
-
-1
mA
TIP42A
TIP42B
TIP42C
VCEO
Collector-Emitter Breakdown
Voltage (*)
IC= -30 mA, IB= 0
TIP42
-40
-
-
V
TIP42A
-60
-
-
TIP42B
-80
-
-
TIP42C
-100
-
-
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= -6 A, IB= -600
mA
TIP42
-
-
-1.5
V
TIP42A
TIP42B
TIP42C
VBE(on)
Base-Emitter Voltage (*)
IC= -6 A, VCE= -4 V
TIP42
-
-
-2
V
TIP42A
TIP42B
TIP42C
hFE
DC Current Gain (*)
VCE= -4 V, IC= -0.3
A
TIP42
30
-
-
-
TIP42A
TIP42B
TIP42C
VCE= -4 V, IC= -3 A
TIP42
15
-
75
TIP42A
TIP42B
TIP42C
hfe
Small Signal Current Gain
VCE= -10 V, IC= -
0.5 A, f= 1kHz
TIP42
20
-
-
-
TIP42A
TIP42B
TIP42C
fT
Current Gain-Bandwidth
Product
VCE= -10 V, IC= -
0.5 A
TIP42
3
-
-
MHz
TIP42A
TIP42B
TIP42C
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com