Electronic Components Datasheet Search
  English  ▼

X  

TIP142 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # TIP142
Description  NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP142 Datasheet(HTML) 1 Page - Comset Semiconductor

  TIP142 Datasheet HTML 1Page - Comset Semiconductor TIP142 Datasheet HTML 2Page - Comset Semiconductor TIP142 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TIP140 – TIP141 – TIP142
30/10/2012
COMSET SEMICONDUCTORS
1/3
N
NP
PN
N S
SIIL
LIIC
CO
ON
N D
DA
AR
RL
LIIN
NG
GT
TO
ON
NS
S,,
S
SIIL
LIIC
CO
ON
N P
PO
OW
WE
ER
R T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S
They are silicon epitaxial-base NPN transistors in monolithic Darlington configuration and are
mounted in TO-3PN plastic packtage.
They are intended for use in power linear and switching application.
The complementary are TIP145, TIP146, TIP147.
Compliance to RoHS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
TIP140
60
V
TIP141
80
TIP142
100
VCBO
Collector-Base Voltage
TIP140
60
V
TIP141
80
TIP142
100
VEBO
Emitter-Base Voltage
5.0
V
IC
Collector Current
IC
10
A
ICM
15
IB
Base Current
0.5
A
PT
Power Dissipation
@ Tmb = 25° C
125
Watts
TJ
Junction Temperature
150
°C
TS
Storage Temperature
-65 to +150
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-mb
Thermal Resistance Junction - Case
1
°C / W


Similar Part No. - TIP142

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP142 MOSPEC-TIP142 Datasheet
204Kb / 4P
POWER TRANSISTORS(10A,60-100V,125W)
logo
Motorola, Inc
TIP142 MOTOROLA-TIP142 Datasheet
234Kb / 6P
10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP142 ONSEMI-TIP142 Datasheet
217Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP142 POINN-TIP142 Datasheet
139Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP142 STMICROELECTRONICS-TIP142 Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP142

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW53 POINN-BDW53 Datasheet
104Kb / 6P
NPN SILICON POWER DARLINGTONS
BDX53 POINN-BDX53 Datasheet
150Kb / 6P
NPN SILICON POWER DARLINGTONS
TIP100 POINN-TIP100 Datasheet
149Kb / 6P
NPN SILICON POWER DARLINGTONS
TIPL790 POINN-TIPL790 Datasheet
221Kb / 7P
NPN SILICON POWER DARLINGTONS
logo
Transys Electronics
TIPL790 TRSYS-TIPL790 Datasheet
618Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
Bourns Electronic Solut...
BD895A BOURNS-BD895A Datasheet
107Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Comset Semiconductor
BDV67A COMSET-BDV67A Datasheet
241Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
BDW83 COMSET-BDW83 Datasheet
121Kb / 3P
NPN SILICON DARLINGTONS POWER TRANSISTORS
TIP145 COMSET-TIP145 Datasheet
74Kb / 3P
NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
BDV67A COMSET-BDV67A_12 Datasheet
83Kb / 5P
NPN SILICON DARLINGTONS POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com