Electronic Components Datasheet Search
  English  ▼

X  

PE64905MLBB-Z Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE64905MLBB-Z
Description  UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE64905MLBB-Z Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE64905MLBB-Z Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE64905MLBB-Z Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Product Specification
PE64905
Page 2 of 11
©2011-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0335-06 │ UltraCMOS® RFIC Solutions
Parameter
Configuration
Condition
Min
Typ
Max
Units
Operating Frequency Range
Both
100
3000
MHz
Minimum Capacitance
Series
Shunt
State = 00000, 100 MHz (RF+ to RF-)
State = 00000, 100 MHz (RF+ to Grounded RF-)
0.49
0.99
0.60
1.10
0.71
1.21
pF
Maximum Capacitance
Series
Shunt
State = 11111, 100 MHz (RF+ to RF-)
State = 11111, 100 MHz (RF+ to Grounded RF-)
4.09
4.59
4.60
5.10
5.11
5.61
pF
Parasitic Capacitance
Series
All States, 100 MHz (RF+ to GND, RF- to GND)
0.5
pF
Tuning Ratio
Series
Shunt
100 MHz
100 MHz
7.7:1
4.6:1
Step Size
Both
5 bits (32 states), constant step size (100 MHz)
0.129
pF
Equivalent Series Resistance
Series
State = 00000
State = 11111
1.40
1.33
Ω
Quality Factor (Cmin)1
Shunt
100 MHz, with Ls removed
1 GHz, with Ls removed
2 GHz, with Ls removed
3 GHz, with Ls removed
10
35
32
25
Quality Factor (Cmax)1
Shunt
100 MHz, with Ls removed
1 GHz, with Ls removed
2 GHz, with Ls removed
3 GHz, with Ls removed
27
25
11
6
Self Resonant Frequency
Shunt
State 00000
State 11111
7.5
3.1
GHz
Harmonics (2fo)2
Series
100 MHz - 3 GHz
-36
dBm
Harmonics (3fo)2
100 MHz - 3 GHz
-36
dBm
Input Intercept Point (2nd Order)
Series
100 MHz - 3 GHz, +18 dBm per tone, 1 MHz Spacing
105
dBm
Input Intercept Point (3rd Order)
Series
100 MHz - 3 GHz, +18 dBm per tone, 1 MHz Spacing
65
dBm
Switching Time3, 4
Both
50% CTRL to 10/90% delta capacitance between any two
states
12
µs
Start-up Time3
Both
Time from VDD within specification to all performances within
specification
100
µs
Wake-up Time3, 4
Both
State change from standby mode to RF state to all perfor-
mances within specification
100
µs
Table 1. Electrical Specifications @ 25°C, VDD = 2.6V
Notes: 1. Q for a Shunt DTC based on a Series RLC equivalent circuit.
Q = XC/R = (X-XL)/R, where X = XL+XC , XL = 2*pi*f*L, XC = -1/(2*pi*f*C), which is equal to removing the effect of parasitic inductance LS.
2. In series or shunt between 50Ω ports. Pulsed RF input with 4620
µs period, 50% duty cycle, measured per 3GPP TS 45.005.
3. DC path to ground at RF+ and RF- must be provided to achieve specified performance.
4. State change activated on rising edge of SCL for ACK bit following data word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com