Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 188 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 188 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 184Page - ITT Industries DBM25SNM Datasheet HTML 185Page - ITT Industries DBM25SNM Datasheet HTML 186Page - ITT Industries DBM25SNM Datasheet HTML 187Page - ITT Industries DBM25SNM Datasheet HTML 188Page - ITT Industries DBM25SNM Datasheet HTML 189Page - ITT Industries DBM25SNM Datasheet HTML 190Page - ITT Industries DBM25SNM Datasheet HTML 191Page - ITT Industries DBM25SNM Datasheet HTML 192Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
187
D Subminiature
Space/High Reliability
Crimp Contacts
Pin
Contact Size
Wire Size AWG
Pin
Part Number
20
20, 22, 24
030-8882-002
20-18
1 #18, 20 or 2 #20
330-8782-001
20-26
26, 28, 30
030-8848-020
22D
22, 24, 26, 28
330-8944-001
Socket
Contact Size
Wire Size AWG
Socket
Part Number
20
20, 22, 24
031-8944-000
20-18
1 #18, 20 or 2 #20
031-8843-001
20-26
26, 28, 30
031-8787-020
22D
22, 24, 26, 28
031-8902-001
Insertion/Extraction Tools
CIET-20HD
Contact
Size
Wire Size
AWG
Plastic Insertion/Extraction
Plastic Extraction
Part Number
Description
Part Number
Description
20
20, 22, 24
980-2000-426
CIET-20HD
323-7010-000
CET-20-11
2026
26, 28, 30
980-2000-426
CIET-20HD
323-7010-000
CET-20-11
2018
1 #18
—
—
274-5016-002
CET-20-15
2 #22
—
—
274-5016-002
CET-20-15
22D
22, 24, 26, 28
274-7048-000
CIET-22D
—
—
High Power
12, 16
274-7003-000
CIET-12
—
—
Hand Crimp Tools
M22520/2-01
Contact
Size
Wire Size
AWG
Crimp Tool
Locator
Part Number
Description
Part Number
Description
995-0001-584
M22520/2-01
995-0001-604
M22520/2-08
20
20, 22, 24
995-0001-585
M22520/1-01
995-0001-244
TH25
2026
26, 28, 30
995-0001-584
M22520/2-01
995-0001-325
L3198-20HD
2018
1 #18
2 #22
995-0001-584
M22520/2-01
980-0005-722
K250
22D
22, 24, 26, 28
995-0001-584
M22520/2-01
995-0001-739
M22520/2-06
CBT-646 Vibra-Bowl Crimper
CBT-646
The CBT-646, Vibra-Bowl Crimper is a pneumatically powered, electronically controlled machine. It is
designed to semi-automatically crimp closed barrel, machined contacts, as used in the aerospace and
commercial industries. The machine will accommodate wire sizes 30 thru 12 AWG. The CBT-646 is
actuated automatically upon insertion of a pre-stripped stranded or single conductor wire.
Machine Crimp Rate: 1300
+ per hour
Power Requirements: Electrical
= 115 VAC, 60 Hz, 5 A
Pneumatic
= 85 psi, 2 cu. ft. per min.
Products: D*MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com