Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 25 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 25 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 21Page - ITT Industries DBM25SNM Datasheet HTML 22Page - ITT Industries DBM25SNM Datasheet HTML 23Page - ITT Industries DBM25SNM Datasheet HTML 24Page - ITT Industries DBM25SNM Datasheet HTML 25Page - ITT Industries DBM25SNM Datasheet HTML 26Page - ITT Industries DBM25SNM Datasheet HTML 27Page - ITT Industries DBM25SNM Datasheet HTML 28Page - ITT Industries DBM25SNM Datasheet HTML 29Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
24
D Subminiature
D*
90
° Solder Termination (Machined) with Plastic Bracket and Grounding Strap — European Footprint10,2 or 9,4 mm
Part Numbers
Shell Size
Layout
Through Hole
Captive Nut
#4-40 UNC
Captive Nut
M3
Post
#4-40 UNC
DE
9
DE9P-1ADN-K87
DE9P-1AWN-K87
DE9P-1AVN-K87
DE9P-1AJN-K87
DA
15
DA15P-1ADN-K87
DA15P-1AWN-K87
DA15P-1AVN-K87
DA15P-1AJN-K87
DB
25
DB25P-1ADN-K87
DB25P-1AWN-K87
DB25P-1AVN-K87
DB25P-1AJN-K87
DC
37
DC37P-1ADN-K87
DC37P-1AWN-K87
DC37P-1AVN-K87
DC37P-1AJN-K87
DD
50
DD50P-1ADN-K87
DD50P-1AWN-K87
DD50P-1AVN-K87
DD50P-1AJN-K87
Notes: For pushfit/boardlock option add -146. Example: DE9P-1ADN-K87-146
For performance class 2 add -A191. Example: DE9P-1ADN-A191-K87
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0.38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DD
66,93 (2.635)
52,81 (2.079)
61,11 (2.406)
11,07 (.436)
15,37 (.605)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Connector footprint measured from the front shell.
Connector footprint measured from the rear shell.
Plug
Engaging Face
DD Configuration
L
5,08 (.200)
2,54 (.100)
9,40 (.370)
3,70 (.146)
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
C
B
10
°
E
Ø 0,60 (.024)
A
D
1,00 (.039)
BRACKET, PLASTIC,
WITH GROUNDING
STRAP
W
F
2,54 (.100)
9,40 (.370)
3,70 (.146)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com