Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 210 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 210 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 206Page - ITT Industries DBM25SNM Datasheet HTML 207Page - ITT Industries DBM25SNM Datasheet HTML 208Page - ITT Industries DBM25SNM Datasheet HTML 209Page - ITT Industries DBM25SNM Datasheet HTML 210Page - ITT Industries DBM25SNM Datasheet HTML 211Page - ITT Industries DBM25SNM Datasheet HTML 212Page - ITT Industries DBM25SNM Datasheet HTML 213Page - ITT Industries DBM25SNM Datasheet HTML 214Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
209
D Subminiature Accessories
Locking Hardware
Female Screw Lock
#4-40 UNC-2B THD
REAR FLANGE (REF)
#4-40 UNC-2A THD
6,35 (.250) APPROX
REMOVE ONE WASHER
FOR EACH 0,76 (.030)
OF PANEL THICKNESS
WHEN REAR MOUNTING
1,52 (.060) MAX PANEL
Front Panel Mount
Rear Panel Mount
Yellow Chromate
over Cadmium
Mil Spec
Part Number
Zinc With
Clear Chromate
A
±0,38 (.015)
D20418-2
M24308/26-1
D20418-80
7,92 (.312)
D20418-50
—
—
12,70 (.500)
D20418-39
M24308/26-2
—
15,88 (.625)
D20418-74
—
—
19,05 (.750)
Female Screw Lock for High Volume Applications
Order 2 per connector
Tool required for installation. See page 211.
Material:
Steel
Finish:
Zinc
6,35
Ø (.119)
NOM
Part
Number
Thread
Code
Nominal Panel Thickness
980-2000-858
#4-40
1,09 – 0,91 (.043 – .036)
980-2000-859
M3
1,09 – 0,91 (.043 – .036)
THD B
THD A
4,50 (.177)
MIN
3,50
(.138)
MIN
5,00 (.197) HEX
(ACROSS FLATS)
5,50
(.217)
5,75
(.226)
Thread Code
Part
Number
THD A
THD B
D121073-39
#4-40 UNC-2B
#4-40 UNC-2A
D121073-40
M3
#4-40 UNC-2A
D121073-41
#4-40 UNC-2B
M3
D121073-42
M3
M3
NOTE: (1) A 6 inch/pound (female) and 4 inch/pound (male) maximum torque during assembly is recommended on steel screw
lock assemblies.
(2) A third flat washer is supplied for front panel mounting of tab shell connectors.
NOTE: Not suitable for rear panel mounting.
Kit consists of 1 nut, 3 washers, 1 lock
washer, 1 hex nut
Order 2 per connector
Material:
Steel
Screw Locks for Connectors with Integral
Threaded Inserts
Kit consists of 1 jackpost, 1 lock washer
Order 2 per connector
Material:
Brass
Finish:
Nickel
Jackpost
4,78
± 0,38
(.188
± .015)
4,78
± 0,38
(.188
± .015)
A
(ACROSS FLATS)
HEX
1,70
(.067)
5,36
(.211)
3,02
(.119)
7,82
± 0,13
(.308
± .005)
3,80 (.150)
MIN FULL
THD
6,48 - 6,30
(.255 - .248)
Ø
Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com