Electronic Components Datasheet Search
  English  ▼

X  

DBM25SNM Datasheet(PDF) 218 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 218 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 214Page - ITT Industries DBM25SNM Datasheet HTML 215Page - ITT Industries DBM25SNM Datasheet HTML 216Page - ITT Industries DBM25SNM Datasheet HTML 217Page - ITT Industries DBM25SNM Datasheet HTML 218Page - ITT Industries DBM25SNM Datasheet HTML 219Page - ITT Industries DBM25SNM Datasheet HTML 220Page - ITT Industries DBM25SNM Datasheet HTML 221Page - ITT Industries DBM25SNM Datasheet HTML 222Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
217
D Subminiature Accessories
Gender Changer
Male/Male
CONTACT
PIN
FRONT SHELL
RIVET
FRONT SHELL
INSULATOR–PC BOARD
14,50
± 0,64
(.571
± .025)
5,84
± 0,15
(.230
± .006)
5,84
± 0,15
(.230
± .006)
2X 10
°
2X Ø 3,05
(.120)
7,90
± 0,13
(.311
± .005)
A
B
C
12,55
± 0,38
(.494
± .015)
INSULATOR
SOCKET
CONTACT
FRONT
SHELL
INSULATOR
FRONT
SHELL
13,11
± 0,51
(.516
± .020)
6,17
± 0,13
(.243
± .005)
6,17
0,13
(.243
± .005)
0,76
± 0,26
(.030
± .010)
±
Pin
Female/Female
Socket
Gender Changer
Specifications
Temperature:
−55° C to 105° C
Current Rating: 3 A
Dielectric Withstanding Voltage: 500 VAC at Sea Level
Materials and Finishes
Description
Material
Finish
Shells
Steel
Tin/Lead
M/M
Glass Epoxy
—
Insulator
F/F
Black Thermoplastic, UL 94V-0
—
Contacts
Copper Alloy
Gold Over Nickel
Rivets (M/M)
Copper Alloy
Tin/Lead
Locking Hardware
Steel
Clear Chromate Over
Cadmium or Zinc and Mylar
Gender Changers modify the mating interface to
allow connectors of the same genders to mate.
Product Features
Low cost way to correct design errors
Optional hardware allows design flexibility
Shell
Part Number
Part Number
A
B
C
Size
Layout
Without Hardware
With Hardware
±0,38 (.015)
±0,13 (.005)
±0,13 (.005)
DE
9
DE111805-1
DE111805-5
30,81 (1.213)
24,99 (.984)
16,92 (.666)
DA
15
DA111806-1
DA111806-5
39,14 (1.541)
33,32 (1.312)
25,25 (.994)
DB
25
DB111807-1
DB111807-5
53,04 (2.088)
47,04 (1.852)
38,96 (1.534)
DC
37
DC111808-1
DC111808-5
69,32 (2.729)
63,50 (2.500)
55,42 (2.182)
Note: DD-50 not available in male/male.
Shell
Part Number
Part Number
A
B
C
Size
Layout
Without Hardware
With Hardware
±0,38 (.015)
±0,13 (.005)
±0,13 (.005)
DE
9
DE111813
DE111813-3
30,81 (1.213)
24,99 (.984)
16,33 (.643)
DA
15
DA111810
DA111810-3
39,14 (1.541)
33,32 (1.312)
24,66 (.971)
DB
25
DB111811
DB111811-2
53,04 (2.088)
47,04 (1.852)
38,38 (1.511)
Note: DC-37 and DD-50 not available for female/female.
Gender Changers modify the mating interface to
allow connectors of the same genders to mate.
Product Features
Low cost way to correct design errors
Optional hardware allows design flexibility
Note: Grounding dimples available on male/male only.
2X 10
°
8,36
± 0,13
(.329
± .005)
2X Ø 3,43
(.135)
PIN 1
FRONT
SIDE
PIN 1
REAR
SIDE
A
B
C
12,55
± 0,38
(.494
± .015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com