Electronic Components Datasheet Search
  English  ▼

X  

SAM4SD32C Datasheet(PDF) 51 Page - ATMEL Corporation

Part # SAM4SD32C
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM4SD32C Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button SAM4SD32C Datasheet HTML 47Page - ATMEL Corporation SAM4SD32C Datasheet HTML 48Page - ATMEL Corporation SAM4SD32C Datasheet HTML 49Page - ATMEL Corporation SAM4SD32C Datasheet HTML 50Page - ATMEL Corporation SAM4SD32C Datasheet HTML 51Page - ATMEL Corporation SAM4SD32C Datasheet HTML 52Page - ATMEL Corporation SAM4SD32C Datasheet HTML 53Page - ATMEL Corporation SAM4SD32C Datasheet HTML 54Page - ATMEL Corporation SAM4SD32C Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
51
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
10.16.3
PIO Controller C Multiplexing.
Table 10-6.
Multiplexing on PIO Controller C (PIOC)
I/O Line
Peripheral A
Peripheral B
Peripheral C
Extra
Function
System
Function
Comments
PC0
D0
PWML0
100 pin version
PC1
D1
PWML1
100 pin version
PC2
D2
PWML2
100 pin version
PC3
D3
PWML3
100 pin version
PC4
D4
NPCS1
100 pin version
PC5
D5
100 pin version
PC6
D6
100 pin version
PC7
D7
100 pin version
PC8
NWE
100 pin version
PC9
NANDOE
100 pin version
PC10
NANDWE
100 pin version
PC11
NRD
100 pin version
PC12
NCS3
AD12
100 pin version
PC13
NWAIT
PWML0
AD10
100 pin version
PC14
NCS0
100 pin version
PC15
NCS1
PWML1
AD11
100 pin version
PC16
A21/NANDALE
100 pin version
PC17
A22/NANDCLE
100 pin version
PC18
A0
PWMH0
100 pin version
PC19
A1
PWMH1
100 pin version
PC20
A2
PWMH2
100 pin version
PC21
A3
PWMH3
100 pin version
PC22
A4
PWML3
100 pin version
PC23
A5
TIOA3
100 pin version
PC24
A6
TIOB3
100 pin version
PC25
A7
TCLK3
100 pin version
PC26
A8
TIOA4
100 pin version
PC27
A9
TIOB4
100 pin version
PC28
A10
TCLK4
100 pin version
PC29
A11
TIOA5
AD13
100 pin version
PC30
A12
TIOB5
AD14
100 pin version
PC31
A13
TCLK5
100 pin version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com