| Electronic Components Datasheet Search |
|
744062002 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
|
|||||||||||||||||||||||||||||
744062002 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
1 / 3 page ![]() Bezeichnung : description : A mm B mm C mm D mm E mm F G H @@FRM 1@@ = Start of winding Marking = Inductance code Eigenschaften / properties Wert / value Einheit / unit tol. Induktivität / inductance DC-Widerstand / DC-resistance DC-Widerstand / DC-resistance Nennstrom / rated current Sättigungsstrom / saturation current Eigenres.-Frequenz / self-res.-fequency 33% Umgebungstemperatur / temperature: +20°C Ferrit ME 09-01-15 MST 08-04-11 MST 04-10-11 MPH 03-03-27 Name Datum / date Version 5 Änderung / modification Version 1 Version 2 Version 4 6,8 ± 0,2 6,8 ± 0,2 Typ X mA typ. @ 20°C @ 20°C T=30 K 100 kHZ / 0,1V typ. RDC max typ. L max. .................................................................................. .................................................................................. .................................................................................. Würth Elektronik HP 4274 A für/for L und/and Q HP 34401 A für/for R DC und IDC 3.400 70,00 Isat |∆L/L|<35% 2.700 RDC typ 0,017 IDC D Prüfgeräte / test equipment: Ω 0,024 ±30% 2,20 Ω µH A Mechanische Abmessungen / dimensions: 2,2 typ. 2,3typ. 2,3± 0,2 Kunde / customer : 744062002 SPEICHERDROSSEL WE-TPC POWER-CHOKE WE-TPC Artikelnummer / part number : Würth Elektronik eiSos GmbH & Co.KG Würth Elektronik eiSos GmbH & Co.KG Würth Elektronik eiSos GmbH & Co.KG Würth Elektronik eiSos GmbH & Co.KG D-74638 Waldenburg · Max-Eyth-Strasse 1 - 3 · Germany · Telefon (+49) (0) 7942 - 945 - 0 · Telefax (+49) (0) 7942 - 945 - 400 Geprüft / checked SRF MHz Umgebungstemp. / ambient temperature: -40°C - + 85°C Basismaterial / base material: http://www.we-online.com Spezifikation für Freigabe / specification for release DATUM / DATE : 2009-01-15 max. mA Datum / date .................................................................................. Unterschrift / signature Kontrolliert / approved Testbedingungen / test conditions not exceed 125°C under worst case operating conditions. F Werkstoffe & Zulassungen / material & approvals: Draht / wire: Endoberfläche / finishing electrode: Class H Sn/Ag/Cu - 96.5/3.0/0.5% G Eigenschaften / general specifications: Betriebstemp. / operating temperature: -40°C - + 125°C Kunde / customer Freigabe erteilt / general release: C Lötpad / soldering spec.: B Elektrische Eigenschaften / electrical properties: E Testbedingungen / test conditions: Luftfeuchtigkeit / humidity: It is recommended that the temperature of the part does [mm] Marking A B C D D E 7,30 2,60 2,10 2,60 2,70 SEITE 1 VON 3 |
Similar Part No. - 744062002 |
|
Similar Description - 744062002 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |