Electronic Components Datasheet Search
  English  ▼

X  

ACPL-021L Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-021L
Description  Low Power, 5 MBd Digital CMOS Optocoupler
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-021L Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ACPL-021L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-021L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-M21L
ACPL-024L
ACPL-021L
Units
Conditions
Minimum External Air Gap
(Clearance)
L(101)
5
4.9
mm
Measured from input terminals to output
terminals, shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
5
4.8
mm
Measured from input terminals to output
terminals, shortest distance path along body.
Minimum Internal Plastic Gap
(Internal Clearance)
0.08
0.08
mm
Through insulation distance conductor to
conductor, usually the straight line distance
thickness between the emitter and detector.
Tracking Resistance
(Comparative Tracking Index)
CTI
175
175
Volts
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
IEC/EN 60747-5-5 Insulation Characteristics* (Option 060)
Description
Symbol
Characteristic
Unit
ACPL-M21L/
024L/021L
Installation classification per DIN VDE 0110/39, Table 1
for rated mains voltage ≤ 150 Vrms
I – IV
for rated mains voltage ≤ 300 Vrms
I – III
for rated mains voltage ≤ 600 Vrms
I – II
for rated mains voltage ≤ 1000 Vrms
Climatic Classification
55/105/21
Pollution Degree (DIN VDE 0110/39)
2
Maximum Working Insulation Voltage
VIORM
567
Vpeak
Input to Output Test Voltage, Method b*
VIORM x 1.875 = VPR, 100% Production Test
with tm = 1 sec, Partial discharge < 5 pC
VPR
1063
Vpeak
Input to Output Test Voltage, Method a*
VIORM x 1.6 = VPR, Type and Sample Test,
tm = 10 sec, Partial discharge < 5 pC
VPR
896
Vpeak
Highest Allowable Overvoltage
(Transient Overvoltage tini = 60 sec)
VIOTM
6000
Vpeak
Safety-limiting values – maximum values allowed in
the event of a failure.
Case Temperature
TS
150
°C
Input Current**
IS, INPUT
150
mA
Output Power**
PS, OUTPUT
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
*
Refer to the optocoupler section of the Isolation and Control Components Designer’s Catalog, under Product Safety Regulations section,
(IEC/EN 60747-5-5) for a detailed description of Method a and Method b partial discharge test profiles.
** Refer to the following figure for dependence of PS and IS on ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com