Electronic Components Datasheet Search
  English  ▼

X  

10TPB330M Datasheet(PDF) 2 Page - Intersil Corporation

Part # 10TPB330M
Description  Dual 15A/Single 30A Step-Down Power Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

10TPB330M Datasheet(HTML) 2 Page - Intersil Corporation

  10TPB330M Datasheet HTML 1Page - Intersil Corporation 10TPB330M Datasheet HTML 2Page - Intersil Corporation 10TPB330M Datasheet HTML 3Page - Intersil Corporation 10TPB330M Datasheet HTML 4Page - Intersil Corporation 10TPB330M Datasheet HTML 5Page - Intersil Corporation 10TPB330M Datasheet HTML 6Page - Intersil Corporation 10TPB330M Datasheet HTML 7Page - Intersil Corporation 10TPB330M Datasheet HTML 8Page - Intersil Corporation 10TPB330M Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
ISL8225M
2
FN7822.0
December 3, 2012
Pinout Internal Circuit
VCC
2.2µF
VIN1
EN/FF1
PGOOD
CLKOUT
ISHARE
MODE
SYNC
SGND
Q1
L1
ISEN1B
ISEN1A
VOUT1
VSEN1+
PHASE1
COMP1
VMON1
24
17
19
3
5
6
VSEN1-
7
PGND
10k
Ω
20
12
FILTER
15
UGATE1
14
PGND
13
LDO
+
-
DIFF
AMP1
22
ERROR
AMP1
18
ZCOMP1
ZCOMP2
CURRENT
SENSING/
SHARING
GATE
DRIVER
LGATE1
SOFT-START
AND FAULT
LOGIC
VIN2
EN/FF2
Q3
Q4
L2
ISEN2B
ISEN2A
VOUT2
PHASE2
10
16
UGATE2
8
CURRENT
SENSING/
SHARING
GATE
DRIVER
LGATE2
SOFT-START
AND FAULT
LOGIC
VSEN2+
COMP2
VMON2
VSEN2-
2
+
-
DIFF
AMP2
26
4
ZCOMP3
ZCOMP4
ERROR
AMP2
INTERNAL
REFERENCE
INTERNAL
REFERENCE
21
1
9
25
23
0.32µH
0.32µH
7.5k
Ω
MODE
Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com