Electronic Components Datasheet Search
  English  ▼

X  

5002 Datasheet(PDF) 8 Page - Intersil Corporation

Part # 5002
Description  ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5002 Datasheet(HTML) 8 Page - Intersil Corporation

  5002 Datasheet HTML 1Page - Intersil Corporation 5002 Datasheet HTML 2Page - Intersil Corporation 5002 Datasheet HTML 3Page - Intersil Corporation 5002 Datasheet HTML 4Page - Intersil Corporation 5002 Datasheet HTML 5Page - Intersil Corporation 5002 Datasheet HTML 6Page - Intersil Corporation 5002 Datasheet HTML 7Page - Intersil Corporation 5002 Datasheet HTML 8Page - Intersil Corporation 5002 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Bill of Materials
PART NUMBER
REF DES
QTY
VALUE
TOL. VOLTAGE POWER PACKAGE TYPE
JEDEC TYPE
MANUFACTURER
DESCRIPTION
10TPB330M
C04, C08
2
330µF 20%
10V
SMD
CAP_7343_149
131-4353-00
J1, J4
2
CONN
TEK131-4353-00
2N7002-7-F
Q1
1
SOT23
SOT23
31-5329-52RFX
J2, J5
2
CONN
CON_BNC_31_5329_52RFX
5002
P1-P8
8
THOLE
MTP500X
575-4
BA1-BA8
8
CONN
CON_BAN_575
EEVHA1E331UP
CIN1, CIN4
2
330µF 20%
25V
SMD
CAPAE_315X402
GRM21BR71C475KA73L
C1
1
4.7µF
10%
16V
805
CAP_0805
Murata
Ceramic Capacitor
GRM32ER71A476KE15L
C01, C03, C05, C07
4
47µF
10%
10V
1210
CAP_1210
Murata
Ceramic Chip Capacitor
H1045-OPEN
C2, C3, C6, C7
4
OPEN
5%
OPEN
603
CAP_0603
Generic
Multilayer Capacitor
H1045-00102-16V10
C15, C16
2
1000pF 10%
16V
603
CAP_0603
Generic
Multilayer Capacitor
H1045-00102-50V10
C4, C5, C8, C9
4
1000pF 10%
50V
603
CAP_0603
Generic
Multilayer Capacitor
H1045-OPEN
C10, C11, C12, C14
6
OPEN
5%
OPEN
603
CAP_0603
Generic
Multilayer Capacitor
H1082-OPEN
C02, C06, C09, C010
4
OPEN
10%
OPEN
1210
CAP_1210
Generic
Ceramic Chip Capacitor
H2505-DNP-DNP-1
R14-R16, R21, RFSET
5
DNP
1%
DNP
603
RES_0603
H2511-00R00-1/16W1
R9, R10, R13, R17, R20
5
0Ω
1%
1/16W
603
RES_0603
H2511-01001-1/16W1
R1, R2, R3, R6, R8
4
1kΩ
1%
1/16W
603
RES_0603
H2511-03321-1/16W1
R11, R12
2
3.32kΩ
1%
1/16W
603
RES_0603
H2511-16501-1/16W1
R5, R7
2
16.5kΩ
1%
1/16W
603
RES_0603
H2511-04121-1/16W1
R6, R8
2
4.12kΩ
1%
1/16W
603
RES_0603
H2511-06650-1/16W1
R4
1
665Ω
1%
1/16W
603
RES_0603
H2512-OPEN
R18, R19
2
OPEN
0%
1/10W
805
RES_0805
ISL8225MIRZ
U1
1
QFN
QFN26_670X670_ISL8225M
JUMPER2_100
JP1-JP7
7
THOLE
JUMPER-1
SSL-LXA3025IGC
LED1
1
SMD
LED_3X2_5MM
TMK325B7226MM-TR
CIN2, CIN3, CIN5, CIN6
4
22µF
20%
25V
1210
CAP_1210
Taiyo Yuden
Ceramic Chip Capacitor



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com