Electronic Components Datasheet Search
  English  ▼

X  

VSMB2948SL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VSMB2948SL
Description  VSOP98260 for IR Code Learning Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSMB2948SL Datasheet(HTML) 3 Page - Vishay Siliconix

  VSMB2948SL Datasheet HTML 1Page - Vishay Siliconix VSMB2948SL Datasheet HTML 2Page - Vishay Siliconix VSMB2948SL Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VSOP98260 for IR Code Learning Applications
Application Note
www.vishay.com
Vishay Semiconductors
Revision: 19-Jul-12
3
Document Number: 82588
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
APPLICATION CIRCUIT USING A FORWARD BIASED EMITTER AS A DETECTOR
APPLICATION CIRCUIT USING A REVERSE BIASED PHOTO-DIODE AS A DETECTOR
DETECTOR (IR LED forward polarity)
SENSITIVITY (mW/m2)
RANGE (m if Ie = 100 mW/sr)
TSAL6400
100
1
VSLB5308
120
0.9
VSMB2948SL
600
0.4
DETECTOR
SENSITIVITY (mW/m2)
RANGE (m if Ie = 100 mW/sr)
PD in reverse polarity
10
3
Vs
Out
In
Gnd
VS = 2.0 V to 3.6 V
3 Ω
Microcontroller
or logic to
record the IR
signal
VSOP98260
Learning
mode
Data
signal
for emitter
IR LED
VSOP98260
Microcontroller
or logic to
record the IR
signal
Vs
Out
In
Gnd
VS = 2.0 V to 3.6 V
Learning
mode
PD



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com