Electronic Components Datasheet Search
  English  ▼

X  

RF600D Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # RF600D
Description  The RF Solutions RF600E, & RF600D are easy to use encoder and decoder I/C?셲.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF600D Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button RF600D Datasheet HTML 3Page - rfsolutions.ltd RF600D Datasheet HTML 4Page - rfsolutions.ltd RF600D Datasheet HTML 5Page - rfsolutions.ltd RF600D Datasheet HTML 6Page - rfsolutions.ltd RF600D Datasheet HTML 7Page - rfsolutions.ltd RF600D Datasheet HTML 8Page - rfsolutions.ltd RF600D Datasheet HTML 9Page - rfsolutions.ltd RF600D Datasheet HTML 10Page - rfsolutions.ltd RF600D Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
DS600-10 March ‘06
©2004 Reg. No. 227 4001, ENGLAND
Page 7
RF / IR Encoder / Decoder Chipset
RF Evaluation Boards,
RF600E
RF600D
IN
This is the data input to the decoder, it may be connected directly to the RF receiver module or IR receiver
module.
LRN
This input is used to set the decoder module to ‘Learn Mode’ and for the ‘Erase Function’ and is also used
to drive the Status LED.
Learn Mode
: is achieved by pulling this input to GND briefly
Erase Mode
: is achieved by pulling this input to GND for >8 seconds. This causes the EEPROM to be
erased of all pre-learnt RF600E encoders.
Learn Operation using momentary push switch (As application circuit)
1. Press briefly and release the learn switch
2. The status LED will illuminate while the switch is pressed and remain on when released.
3. Operate the transmitter encoder once, status LED on the decoder will extinguish
4. Operate the transmitter encoder a second time, status LED on the decoder will flash
5. After the status LED has stopped flashing the transmitter has been successfully taught to the decoder
6. This transmitter will now operate the system
Up to 7 unique encoders may be learnt to each RF600D. This can be extended to 48 encoders with the use
of the 93C76 EEPROM.
Erase Operation using momentary push switch (As application circuit)
To completely erase all transmitter data, press and hold the learn switch on the decoder for 8 seconds.
The status LED will illuminate continuously whilst the switch is held down and then flash while the decoder
erases all memory. It may take several seconds until the erase function is complete. After the status LED is
extinguished all the encoder identities are erased from the decoders eeprom memory.
SD1
Outputs serial ASCII data after each valid transmitter signal. (See previous section for more information)
LKIN
This high impedance input is used to set the digital outputs to momentary or latched actions
LKIN Status
Digital Outputs Function
High
Latching
Low
Momentary
Momentary
: Output is only asserted for the duration of the valid transmit signal.
Latching
:
Output state is changed on each valid transmitted signal.
NB The outputs S0 – S3 can only be operated after a RF600E encoder has been learnt to the RF600D
decoder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com