Electronic Components Datasheet Search
  English  ▼

X  

UD6003 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UD6003
Description  P-Ch 60V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UD6003 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UD6003 Datasheet HTML 1Page - Unitpower Technology Limited UD6003 Datasheet HTML 2Page - Unitpower Technology Limited UD6003 Datasheet HTML 3Page - Unitpower Technology Limited UD6003 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
UD6003
P-Ch 60V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-60
V
VGS
Gate-Sou
rce Voltage
±
20
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
1
-18
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V
1
-11
A
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
1
-4.3
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
1
-3.5
A
IDM
Pulsed Drain Current
2
-36
A
EAS
Single Pulse Avalanche Energy
3
51.2
mJ
IAS
Avalanche Current
-26.6
A
PD@TC=25℃
Total Power Dissipation
4
34.7
W
PD@TA=25℃
Total Power Dissipation
4
2
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
3.6
℃
/W
ID
-60V
60mΩ
-18A
The UD6003 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UD6003 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter.
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO252 Pin Configuration
Product Summery
BV
RD
DSS
S(ON)


Similar Part No. - UD6003

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD6001 XINDEYI-UD6001 Datasheet
841Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6001 UNITPOWER-UD6001 Datasheet
841Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6004 XINDEYI-UD6004 Datasheet
839Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6004 UNITPOWER-UD6004 Datasheet
725Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
More results

Similar Description - UD6003

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UB6015 XINDEYI-UB6015 Datasheet
708Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UD6007 XINDEYI-UD6007 Datasheet
741Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UD6015 XINDEYI-UD6015 Datasheet
725Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UM6007 XINDEYI-UM6007 Datasheet
753Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD6007 UNITPOWER-UD6007 Datasheet
741Kb / 4P
P-Ch 60V Fast Switching MOSFETs
UD6015 UNITPOWER-UD6015 Datasheet
725Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
uPI Group Inc.
QM6015D UPI-QM6015D Datasheet
247Kb / 4P
P-Ch 60V Fast Switching MOSFETs
QM6007K UPI-QM6007K Datasheet
237Kb / 4P
P-Ch 60V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKL6107 FETEK-FKL6107 Datasheet
518Kb / 4P
P-Ch 60V Fast Switching MOSFETs
Ver : A
FKS6107 FETEK-FKS6107 Datasheet
580Kb / 4P
P-Ch 60V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com