Electronic Components Datasheet Search
  English  ▼

X  

UI02N60 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # UI02N60
Description  N-Ch 600V Fast Switching MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

UI02N60 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  UI02N60 Datasheet HTML 1Page - Unitpower Technology Limited UI02N60 Datasheet HTML 2Page - Unitpower Technology Limited UI02N60 Datasheet HTML 3Page - Unitpower Technology Limited UI02N60 Datasheet HTML 4Page - Unitpower Technology Limited UI02N60 Datasheet HTML 5Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
UI02N60
N-Ch 600V Fast Switching MOSFETs
ID
600V
Ω
2A
The UI02N60 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The UI02N60 meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
100% EAS Guaranteed
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
TO-251 Pin Configuration
Product Summery
BV
RD
DSS
S(ON)
3.9
TO-251


Similar Part No. - UI02N60

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
UI0004 DOINGTER-UI0004 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unitpower Technology Li...
UI0008 UNITPOWER-UI0008 Datasheet
750Kb / 4P
N-Ch 100V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UI0014 DOINGTER-UI0014 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
Unitpower Technology Li...
UI01N65 UNITPOWER-UI01N65 Datasheet
694Kb / 4P
N-Ch 650V Fast Switching MOSFETs
More results

Similar Description - UI02N60

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UD3006 XINDEYI-UD3006 Datasheet
686Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD3010 XINDEYI-UD3010 Datasheet
716Kb / 4P
N-Ch 30V Fast Switching MOSFETs
UD6006 XINDEYI-UD6006 Datasheet
677Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM6004 XINDEYI-UM6004 Datasheet
860Kb / 4P
N-Ch 60V Fast Switching MOSFETs
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
N-Ch 20V Fast Switching MOSFETs
UT4N60F XINDEYI-UT4N60F Datasheet
3Mb / 5P
N-Ch 600V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UID4N60 UNITPOWER-UID4N60 Datasheet
3Mb / 4P
N-Ch 600V Fast Switching MOSFETs
UM6016 UNITPOWER-UM6016 Datasheet
748Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
KODENSHI_AUK CORP.
SNN3530NL KODENSHI-SNN3530NL Datasheet
511Kb / 8P
N-ch 30V Fast Switching MOSFETs
logo
uPI Group Inc.
QM3010D UPI-QM3010D Datasheet
236Kb / 4P
N-Ch 30V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com