Electronic Components Datasheet Search
  English  ▼

X  

US2301 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # US2301
Description  P-Ch 20V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2301 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  US2301 Datasheet HTML 1Page - Unitpower Technology Limited US2301 Datasheet HTML 2Page - Unitpower Technology Limited US2301 Datasheet HTML 3Page - Unitpower Technology Limited US2301 Datasheet HTML 4Page - Unitpower Technology Limited US2301 Datasheet HTML 5Page - Unitpower Technology Limited US2301 Datasheet HTML 6Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
US2301
P-Ch 20V Fast Switching MOSFETs
Electrical Characteristics (TJ=25
, unless otherwise noted)
Symbol
Parameter
Test Condition
US2301
Unit
Min.
Typ.
Max.
Static Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=-250μA
-20
V
IDSS
Zero Gate Voltage Drain Current
VDS=-16V, VGS=0V
-1
μA
TJ=85°C
-30
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250μA
-0.45
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±12V, VDS=0V
±100
nA
RDS(ON)
Drain-Source On-state Resistance
VGS=-4.5V, IDS=-2.5A
85
110
m
Ω
VGS=-2.5V, IDS=-2A
110
150
VSD
Diode Forward Voltage
ISD=-0.5A , VGS=0V
-0.8
-1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
VDS=-10V, VGS=-4.5V,
IDS=-2.5A
5
7
nC
Qgs
Gate-Source Charge
0.7
Qgd
Gate-Drain Charge
0.6
Symbol
Parameter
Test Condition
US2301
Unit
Min.
Typ.
Max.
Dynamic Characteristics
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
9.2
Ω
Ciss
Input Capacitance
VGS=0V,
VDS=-15V,
Frequency=1.0MHz
360
pF
Coss
Output Capacitance
80
Crss
Reverse Transfer Capacitance
50
td(ON)
Turn-on Delay Time
VDD=-10V, RL=10Ω
IDS=-1A, VGEN=-4.5V,
RG=6Ω
8
16
ns
Tr
Turn-on Rise Time
7
15
td(OFF)
Turn-off Delay Time
18
35
Tf
Turn-off Fall Time
8
15
Notes:
a : Pulse test ; pulse width
≤300
μs, duty cycle≤2%.
b : Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com