Electronic Components Datasheet Search
  English  ▼

X  

US2307 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # US2307
Description  P-Channel Enhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2307 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  US2307 Datasheet HTML 1Page - Unitpower Technology Limited US2307 Datasheet HTML 2Page - Unitpower Technology Limited US2307 Datasheet HTML 3Page - Unitpower Technology Limited US2307 Datasheet HTML 4Page - Unitpower Technology Limited US2307 Datasheet HTML 5Page - Unitpower Technology Limited US2307 Datasheet HTML 6Page - Unitpower Technology Limited US2307 Datasheet HTML 7Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
US2307
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise noted)
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Rating
Unit
VDSS
Drain-Source Voltage
-20
VGSS
Gate-Source Voltage
±12
V
ID*
Continuous Drain Current
-4
IDM*
Pulsed Drain Current
VGS=-4.5V
-16
A
IS*
Diode Continuous Forward Current
-1.5
A
TJ
Maximum Junction Temperature
150
TSTG
Storage Temperature Range
-55 to 150
°C
TA=25°C
0.83
PD*
Maximum Power Dissipation
TA=100°C
0.3
W
R
θJA*
Thermal Resistance-Junction to Ambient
150
°C/W
Note : *Surface Mounted on 1in
2 pad area, t ≤ 10sec.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Static Characteristics
BVDSS Drain-Source Breakdown Voltage
VGS=0V, IDS=-250µA
-20
-
-
V
VDS=-16V, VGS=0V
-
-
-1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
-30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=-250µA
-0.5
-0.7
-1
V
IGSS
Gate Leakage Current
VGS=±10V, VDS=0V
-
-
±100
nA
VGS=-4.5V, IDS=-4A
-
40
55
VGS=-2.5V, IDS=-2.5A
-
55
72
RDS(ON)
a Drain-Source On-state Resistance
mΩ
VSD
a
Diode Forward Voltage
ISD=-0.5A, VGS=0V
-
-0.75
-1.3
V
Gate Charge Characteristics
b
Qg
Total Gate Charge
-
12
16
Qgs
Gate-Source Charge
-
2.1
-
Qgd
Gate-Drain Charge
VDS=-10V, VGS=-4.5V,
IDS=-4A
-
2.9
-
nC
US2307



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com