Electronic Components Datasheet Search
  English  ▼

X  

US2403 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # US2403
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2403 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  US2403 Datasheet HTML 1Page - Unitpower Technology Limited US2403 Datasheet HTML 2Page - Unitpower Technology Limited US2403 Datasheet HTML 3Page - Unitpower Technology Limited US2403 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
US2403
P-Ch 20V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Sou
rce Voltage
±
8
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V
1
-3.6
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V
1
-3
A
IDM
Pulsed Drain Current
2
-14.4
A
PD@TA=25℃
Total Power Dissipation
3
1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
ID
-20V
55mΩ
-3.6A
The US2403 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The US2403 meet the RoHS and Green Product
requirement , with full function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent CdV/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT 23 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Part No. - US2403

ManufacturerPart #DatasheetDescription
logo
Unitpower Technology Li...
US2401 UNITPOWER-US2401 Datasheet
751Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2402 XINDEYI-US2402 Datasheet
354Kb / 5P
N-Channel Enhancement Mode MOSFET
logo
Unitpower Technology Li...
US2407 UNITPOWER-US2407 Datasheet
779Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2409 UNITPOWER-US2409 Datasheet
891Kb / 4P
P-Ch 20V Fast Switching MOSFETs
More results

Similar Description - US2403

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
US2421 XINDEYI-US2421 Datasheet
459Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD2401 UNITPOWER-UD2401 Datasheet
759Kb / 4P
P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2401 UNITPOWER-US2401 Datasheet
751Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2643 PACELEADER-PKN2643 Datasheet
1Mb / 5P
P-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2417Y1 UPI-QM2417Y1 Datasheet
225Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2631 FETEK-FKCE2631 Datasheet
839Kb / 5P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKN2607 FETEK-FKN2607 Datasheet
501Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKS2627 FETEK-FKS2627 Datasheet
536Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKVA2301 FETEK-FKVA2301 Datasheet
594Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com