Electronic Components Datasheet Search
  English  ▼

X  

US2415 Datasheet(PDF) 1 Page - Unitpower Technology Limited

Part # US2415
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2415 Datasheet(HTML) 1 Page - Unitpower Technology Limited

  US2415 Datasheet HTML 1Page - Unitpower Technology Limited US2415 Datasheet HTML 2Page - Unitpower Technology Limited US2415 Datasheet HTML 3Page - Unitpower Technology Limited US2415 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
US2415
P-Ch 20V Fast Switching MOSFETs
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
-20
V
VGS
Gate-Sou
rce Voltage
±
8
V
ID@TA=25℃
Continuous Drain Current, VGS @ -4.5V
1
-2.4
A
ID@TA=70℃
Continuous Drain Current, VGS @ -4.5V
1
-1.9
A
IDM
Pulsed Drain Current
2
-10
A
PD@TA=25℃
Total Power Dissipation
3
1
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
125
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
80
℃
/W
ID
-20V
125mΩ
-2.4A
The US2415 is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The US2415 meet the RoHS and Green Product
requirement with full function reliability approved.
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous s
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
Load Switch
Absolute Maximum Ratings
Thermal Data
SOT23 Pin Configuration
Product Summery
BVDSS
RDS(ON)


Similar Part No. - US2415

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
US2410 XINDEYI-US2410 Datasheet
747Kb / 4P
N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
US2410 UNITPOWER-US2410 Datasheet
747Kb / 4P
N-Ch 20V Fast Switching MOSFETs
US2411 UNITPOWER-US2411 Datasheet
794Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2413 UNITPOWER-US2413 Datasheet
692Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2419 UNITPOWER-US2419 Datasheet
732Kb / 4P
P-Ch 20V Fast Switching MOSFETs
More results

Similar Description - US2415

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
US2421 XINDEYI-US2421 Datasheet
459Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UD2401 UNITPOWER-UD2401 Datasheet
759Kb / 4P
P-Ch 20V Fast Switching MOSFETs
UM2429 UNITPOWER-UM2429 Datasheet
771Kb / 4P
P-Ch 20V Fast Switching MOSFETs
US2401 UNITPOWER-US2401 Datasheet
751Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2643 PACELEADER-PKN2643 Datasheet
1Mb / 5P
P-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2417Y1 UPI-QM2417Y1 Datasheet
225Kb / 4P
P-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2631 FETEK-FKCE2631 Datasheet
839Kb / 5P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKN2607 FETEK-FKN2607 Datasheet
501Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKS2627 FETEK-FKS2627 Datasheet
536Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
FKVA2301 FETEK-FKVA2301 Datasheet
594Kb / 4P
P-Ch 20V Fast Switching MOSFETs
Ver : A
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com