Electronic Components Datasheet Search
  English  ▼

X  

US2419 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # US2419
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2419 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  US2419 Datasheet HTML 1Page - Unitpower Technology Limited US2419 Datasheet HTML 2Page - Unitpower Technology Limited US2419 Datasheet HTML 3Page - Unitpower Technology Limited US2419 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
P-Ch 20V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=-250uA
-20
---
---
V
△
BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=-1mA
---
-0.011
---
V/℃
VGS=-4.5V , ID=-2A
---
170
205
VGS=-2.5V , ID=-1.5A
---
235
280
m
Ω
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-1.8V , ID=-1A
315
380
VGS(th)
Gate Threshold Voltage
-0.3
-0.5
-1
V
△
VGS(th)
VGS(th) Temperature Coefficient
VGS=VDS , ID =-250uA
---
2.02
---
mV/℃
VDS=-16V , VGS=0V , TJ=25℃
---
---
-1
IDSS
Drain-Source Leakage Current
VDS=-16V , VGS=0V , TJ=55℃
---
---
-5
uA
IGSS
Gate-Source Leakage Current
VGS=±8V , VDS=0V
---
---
±
100
nA
gfs
Forward Transconductance
VDS=-5V , ID=-2A
---
3.4
---
S
Qg
Total Gate Charge (-4.5V)
---
4.6
---
Qgs
Gate-Source Charge
---
0.27
---
Qgd
Gate-Drain Charge
VDS=-20V , VGS=-4.5V , ID=-2A
---
2.34
---
nC
Td(on)
Turn-On Delay Time
---
11.6
---
Tr
Rise Time
---
6.2
---
Td(off)
Turn-Off Delay Time
---
31.8
---
Tf
Fall Time
VDD=-12V , VGS=-4.5V , RG=3.3Ω
ID=-1A
---
2.8
---
ns
Ciss
Input Capacitance
---
194
---
Coss
Output Capacitance
---
35.5
---
Crss
Reverse Transfer Capacitance
VDS=-15V , VGS=0V , f=1MHz
---
28.2
---
pF
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
---
---
-2.3
A
ISM
Pulsed Source Current
2,4
VG=VD=0V , Force Current
---
---
-5
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=-1A , TJ=25℃
---
---
-1
V
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
US2419



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com