Electronic Components Datasheet Search
  English  ▼

X  

US3400 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # US3400
Description  N-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US3400 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  US3400 Datasheet HTML 1Page - Unitpower Technology Limited US3400 Datasheet HTML 2Page - Unitpower Technology Limited US3400 Datasheet HTML 3Page - Unitpower Technology Limited US3400 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
N-Ch 30V Fast Switching MOSFETs
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
US3400
Symbol
Min
Typ
Max
Units
BVDSS
30
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
0.6
---
1.1
V
ID(ON)
30
A
22.8
28
TJ=125°C
32
39
27.3
33
m
43.3
52
m
gFS
10
15
S
VSD
0.71
1
V
IS
2.5
A
Ciss
823
1030
pF
Coss
99
pF
Crss
77
pF
Rg
1.2
3.6
Qg
9.7
12
nC
Qgs
1.6
nC
Qgd
3.1
nC
tD(on)
3.3
5
ns
tr
4.8
7
ns
tD(off)
26.3
40
ns
tf
4.1
6
ns
trr
16
20
ns
Qrr
8.9
12
nC
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Turn-Off Fall Time
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
IF=5A, dI/dt=100A/ s
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=4.5V, VDS=15V, ID=5.8A
Gate Source Charge
Gate Drain Charge
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=2.7 ,
RGEN=3
m
VGS=4.5V, ID=5A
IS=1A,VGS=0V
VDS=5V, ID=5A
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
IDSS
A
Gate Threshold Voltage
VDS=VGS ID=250 A
VDS=24V, VGS=0V
VDS=0V, VGS=±12V
Zero Gate Voltage Drain Current
Gate-Body leakage current
STATIC PARAMETERS
Parameter
Conditions
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=5A, dI/dt=100A/ s
Drain-Source Breakdown Voltage
On state drain current
ID=250 A, VGS=0V
VGS=2.5V, ID=4A
VGS=4.5V, VDS=5V
VGS=10V, ID=5.8A
Reverse Transfer Capacitance
A: The value of R JA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C.
The value in any given application depends on the user's specific board design. The current rating is based on the t 10s thermal
resistance rating.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R JA is the sum of the thermal impedence from junction to lead R JL and lead to ambient.
D. The static characteristics in Figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with TA=25°C. The
SOA curve provides a single pulse rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com