| Electronic Components Datasheet Search |
|
DS378-2 Datasheet(PDF) 7 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
DS378-2 Datasheet(HTML) 7 Page - rfsolutions.ltd |
|
7 / 11 page ![]() Page 7 30-Mar-06 Bluetooth Evaluation Board DS378-2 © FlexiPanel Ltd Patents apply and/or pending www.FlexiPanel.com BlueMatik General Setup Insert the BlueMatik in the evaluation board so that the antenna overhangs the edge of the board. There should be nothing inserted in the Toothpick, Stamp and LinkMatik sockets. Remove any existing links and then insert links over the following configuration pins: A3 – A4 (RS232 TxD to RxD pin) A8 – A9 (RS232 CTS to RTS pin) A10– B10 (RS232 CTS to RTS pin) B2 – B3 (RS232 RTS to CTS pin) B5 – B6 (RS232 RxD to TxD pin) B8 – B9 (RS232 RTS to CTS pin) E4 – E5 (RS232 TxD to RxD pin) E6 – F6 (TxD to TxD LED) E9 – F9 (RS232 RxD to TxD pin) You can decide whether the HUM input is controlled by switch SW6 or via the DTR line on the RS232 port. To control it from the switch SW6, insert a link over the following configuration pin: E7 – E8 (SW6 to HUM input) To control the HUM input from DTR line, insert links over the following configuration pins: A6 – A7 (DTR to HUM input) E7 – F7 (DTR to HUM input) Evaluation Setup LinkMatik should be configured so that the HUM input is controlled by SW6 and MUM output lights the Status / MUM LED. Ensure SW6 is in the Cmd position. First connect the DB9 socket to your PC’s serial port. Start a HyperTerminal session at 115200 baud, hardware flow control, 8 bits no parity, one stop bit. In File > Properties > Settings > ASCII Setup, ensure the following are checked: Echo characters typed locally Append line feeds to incoming line ends Also ensure the following is not checked Send line ends with line feeds Example AT commands The following examples are not exhaustive. Refer to the product documentation for a full list of the commands. Apply power and the following greetings message similar to the following will appear: +BINF:830,2,C7,1D4140,Anonymous READY If you wait 10 seconds before typing anything, the following message will also appear: +BURT:1D8,0,0 This simply indicates that the baud rate has reverted to 115200 baud (which it was anyway), since no input has been received in the first 10 seconds. Note how the MUM LED extinguishes while the response is being send. This is how you can differentiate between a response from BlueMatik and data from the Bluetooth connection. To discover Bluetooth devices in range, type the following command: +BURT:1D8,0,0 This starts a 10 second scan for devices. Each device found will result in a message similar to the following: +BINQ:12,37,30D180,320110,PocketPC The following message indicates that the scan is complete: +BINC:1 To BlueMatik into encrypted slave mode so that other devices can connect to it securely, type the following commands: AT+BRSR=1,0 (replies OK, then +BRSR) AT+BWLP=7 (replies OK) AT+BSEC=2 (replies OK) AT+BSLV (replies OK) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |