Electronic Components Datasheet Search
  English  ▼

X  

FM25640B Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # FM25640B
Description  64Kb Serial 5V F-RAM Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25640B Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button FM25640B Datasheet HTML 5Page - Cypress Semiconductor FM25640B Datasheet HTML 6Page - Cypress Semiconductor FM25640B Datasheet HTML 7Page - Cypress Semiconductor FM25640B Datasheet HTML 8Page - Cypress Semiconductor FM25640B Datasheet HTML 9Page - Cypress Semiconductor FM25640B Datasheet HTML 10Page - Cypress Semiconductor FM25640B Datasheet HTML 11Page - Cypress Semiconductor FM25640B Datasheet HTML 12Page - Cypress Semiconductor FM25640B Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FM25640B - 64Kb 5V SPI F-RAM
Rev. 3.0
Jan. 2012
13 of 13
Revision History
Revision
Date
Summary
1.0
11/10/2010
Initial Release
1.1
2/15/2011
Changed tPU and tVF spec limits.
1.2
3/30/2011
Added ESD ratings. Fixed units typo on tR, tF AC parameters.
3.0
1/6/2012
Changed to Production status. Changed tVF spec.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com