Electronic Components Datasheet Search
  English  ▼

X  

2SC4135 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC4135
Description  High-Voltage Switching Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4135 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC4135 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 8Page - Sanyo Semicon Device 2SC4135 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SA1593/2SC4135
No.2511-1/9
Applications
•
Power supplies, relay derivers, lamp drivers
Features
•
Adoption of FBET, MBIT processes
•
High breakdown voltage and large current capacity
•
Fast switching speed
•
Small and slim package permitting 2SA1593/2SC4135-applied sets to be made more compact
Specifications ( ): 2SA1593
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)120
V
Collector-to-Emitter Voltage
VCEO
(--)100
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)2
A
Collector Current (Pulse)
ICP
(--)3
A
Continued on next page.
Package Dimensions unit : mm (typ)
Package Dimensions unit : mm (typ)
7518-003
7003-003
Ordering number : EN2511B
80812 TKIM/N1003TN (KT)/8219MO/4097TA, TS
SANYO Semiconductors
DATA SHEET
2SA1593/2SC4135
PNP/NPN Epitaxial Planar Silicon Transistors
High-Voltage Switching
Applications
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package : TP
• Package : TP-FA
• JEITA, JEDEC : SC-64, TO-251
• JEITA, JEDEC : SC-63, TO-252
• Minimum Packing Quantity : 500 pcs./bag
• Minimum Packing Quantity : 700 pcs./reel
Marking
Packing Type (TP-FA) : TL
Electrical Connection
(TP, TP-FA)
TL
6.5
5.0
2.3
0.5
12
4
3
0.85
0.7
1.2
0.6
0.5
2.3 2.3
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP
6.5
5.0
2.3
0.5
12
4
3
0.85
0.6
0.5
1.2
2.3 2.3
0 to 0.2
1 : Base
2 : Collector
3 : Emitter
4 : Collector
SANYO : TP-FA
2SA1593S-E
2SA1593T-E
2SC4135S-E
2SC4135T-E
2SA1593S-TL-E
2SA1593T-TL-E
2SC4135S-TL-E
2SC4135T-TL-E
A1593
C4135
LOT No.
LOT No.
RANK
RANK
2,4
3
1
2SC4135
2,4
3
1
2SA1593


Similar Part No. - 2SC4135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4135 SANYO-2SC4135 Datasheet
128Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
logo
ON Semiconductor
2SC4135 ONSEMI-2SC4135 Datasheet
385Kb / 9P
Bipolar Transistor Adoption of FBET, MBIT processes
September, 2013
logo
Inchange Semiconductor ...
2SC4135 ISC-2SC4135 Datasheet
300Kb / 2P
Silicon NPN Power Transistor
2SC4135 ISC-2SC4135 Datasheet
281Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC4135

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com