Electronic Components Datasheet Search
  English  ▼

X  

2SA1706 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA1706
Description  High-Current Switching Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA1706 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA1706 Datasheet HTML 1Page - Sanyo Semicon Device 2SA1706 Datasheet HTML 2Page - Sanyo Semicon Device 2SA1706 Datasheet HTML 3Page - Sanyo Semicon Device 2SA1706 Datasheet HTML 4Page - Sanyo Semicon Device 2SA1706 Datasheet HTML 5Page - Sanyo Semicon Device 2SA1706 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SA1706
No.3026-2/6
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=--50V, IE=0A
--100
nA
Emitter Cutoff Current
IEBO
VEB=--4V, IC=0A
--100
nA
DC Current Gain
hFE1VCE=--2V, IC=--100mA
140*
400*
hFE2VCE=--2V, IC=--1.5A
40
Gain-Bandwidth Product
fT
VCE=--10V, IC=--50mA
150
MHz
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--50mA
--0.3
--0.7
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--50mA
--0.9
--1.2
V
Output Capacitance
Cob
VCB=--10V, f=1MHz
22
pF
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10μA, IE=0A
--60
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10μA, IC=0A
--6
V
Turn-ON Time
ton
See specified Test Circuit.
60
ns
Storage Time
tstg
450
ns
Fall Time
tf
30
ns
* : The 2SA1706 is classified by 100mA hFE as follows :
Rank
S
T
hFE
140 to 280
200 to 400
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA1706S-AN
NMP(Taping)
2,500pcs./box
Pb Free
2SA1706T-AN
NMP(Taping)
2,500pcs./box
VR
RL
VCC= --25V
VBE=5V
IC=10IB1= --10IB2= --500mA
+
+
50Ω
INPUT
OUTPUT
RB
100μF
470μF
PW=20μs
IB1
IB2
D.C.≤1%
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
--2.4
--2.0
--1.6
--1.2
--0.8
--0.4
0
0
--0.4
--0.8
--2.0
--1.6
--2.4
--1.2
ITR04286
IB=0mA
--2mA
--6mA
--8mA
--4mA
--10mA
--20mA
ITR04288
IB=0mA
--1mA
--2mA
--3mA
--4mA
--6mA
--5mA
--7mA
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--2
--4
--10
--8
--12
--6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com