Electronic Components Datasheet Search
  English  ▼

X  

XVT9010 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # XVT9010
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9010 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  XVT9010 Datasheet HTML 1Page - RF Monolithics, Inc XVT9010 Datasheet HTML 2Page - RF Monolithics, Inc XVT9010 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
© 2009-2012 by RF Monolithics, Inc.
XVT9010 - 2/21/12
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fo
10.000000
MHz
Component Storage Temperature Range
-55
+125
°C
Storage Temperature Range in Tape and Reel
-40
+85
°C
Soldering Profile, 10 seconds, up to 5 cycles
260
°C
Operating Temperature Range
-40
+85
°C
Power Supply Voltage
Vcc
3.14
3.30
3.46
V
Output Voltage with Load 10 pF||10 K
Vout
0.8
VP-P
Output Waveform
clipped sinewave
Power Supply Current
Icc
2.0
mA
Control Voltage
Vcon
1.5±1.0
V
Control Voltage Input Impedance
100K
ohms
Frequency Tolerance, Vcontrol = 1.50 V
±1.0 ppm max @ 25 °C ±2 °C
Frequency Stability versus:
Temperature, -40 to 85 °C
±0.5
ppm
Supply Voltage, 3.14 to 3.46 V
±0.2
ppm
Load 10 pF||10 K
±10%
±0.2
ppm
Control Voltage Frequency Range (1.5 ±1.0 V)
±5
ppm/V
Start Up Time, 90% of final RF level in VP-P
2.0
ms
Aging @ 25 °C
±1
ppm/year
Harmonics
-5.0
dBc
SSB Phase Noise @ 1 kHz Carrier Offset
-135
dBc/Hz
Stanard Shipping Quantity on 180 mm (7”) Reel
1000
units
Lid Symbolization
9010 - YWWS
SM3225-4 Case
• Voltage Controlled Temperature Compensated Crystal Oscillator
• Excellent Frequency Stability & Low Phase Noise
• 3.2 x 2.5 x 1.2 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)
10.000000 MHz
VCTCXO
XVT9010
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
The design, manufacturing process, and specifications of this device are subject to change without notice.
Pb


Similar Part No. - XVT9010

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XVT9011 RFM-XVT9011 Datasheet
283Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9012 RFM-XVT9012 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Similar Description - XVT9010

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com