Electronic Components Datasheet Search
  English  ▼

X  

XVT9007 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # XVT9007
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9007 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  XVT9007 Datasheet HTML 1Page - RF Monolithics, Inc XVT9007 Datasheet HTML 2Page - RF Monolithics, Inc XVT9007 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
©2009-2010 by RF Monolithics, Inc.
XVT9007 - 2/2/10
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
Fo
19.660800
MHz
Storage Temperature
-40
+85
°C
Operating Temperature Range
-20
+75
°C
Power Supply Voltage
Vcc
2.66
2.8
2.94
V
Output Voltage with Load 10 pF||10 K
Ω
Vout
0.8
VP-P
Output Wave form
clipped sinewave
Power Supply Current
Icc
2.0
mA
Control Voltage
Vcon
1.4±1.0
V
Control Voltage Input Impedance
100K
ohms
Frequency Tolerance, Vcontrol = 1.4 V (after Reflow)
±2 ppm max @ 25 °C ±3 °C
Frequency Stability versus:
Temperature, -20 to 75 °C
±2.5
ppm
Supply Voltage, 2.66 to 2.94 V
±0.2
ppm
Load 10 pF||10 K
Ω ±10%
±0.2
ppm
Control Voltage Frequency Range (1.4 ±1.0 V)
±8
±14
ppm
Start Up Time, 90% of final RF level in VP-P
2.0
ms
Aging @ 25 °C
±1
ppm/year
Harmonics
-5.0
dBc
SSB Phase Noise @ 1 kHz Carrier Offset
-130 dBc/Hz maximum
Stanard Shipping Quantity on 180 mm (7”) Reel
1000
units
Lid Symbolization
9007 // YWWS
SM3225-4 Case
• Voltage Controlled Temperature Compensated Crystal Oscillator
• Excellent Frequency Stability & Low Phase Noise
• 3.2 x 2.5 x 1.3 mm Surface-Mount Case
• Complies with Directive 2002/95/EC (RoHS)
19.6608 MHz
VCTCXO
XVT9007
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
The design, manufacturing process, and specifications of this device are subject to change without notice.
Pb
Preliminary


Similar Part No. - XVT9007

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
XVT9001 RFM-XVT9001 Datasheet
288Kb / 3P
19.200 MHz VCTCXO
XVT9002 RFM-XVT9002 Datasheet
285Kb / 3P
26 MHz VCTCXO
XVT9002-1 RFM-XVT9002-1 Datasheet
284Kb / 3P
26 MHz VCTCXO
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results

Similar Description - XVT9007

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VTC21 VECTRON-VTC21 Datasheet
187Kb / 6P
Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Abracon Corporation
ASTX-12 ABRACON-ASTX-12 Datasheet
2Mb / 2P
TEMPERATURE COMPENSATED/VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
03.01.07
ASVTX-09 ABRACON-ASVTX-09 Datasheet
154Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
5.03.07
ASVTX-09 ABRACON-ASVTX-09_07 Datasheet
155Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED CRYSTAL OSCILLATOR
09.20.07
logo
Vectron International, ...
VTC1 VECTRON-VTC1 Datasheet
202Kb / 9P
Voltage Controlled Temperature Compensated Crystal Oscillator
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
logo
RF Monolithics, Inc
XVT9009 RFM-XVT9009 Datasheet
564Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9006 RFM-XVT9006 Datasheet
453Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003-1 RFM-XVT9003-1 Datasheet
462Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
XVT9003 RFM-XVT9003 Datasheet
284Kb / 3P
Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com