Electronic Components Datasheet Search
  English  ▼

X  

XVT9005 Datasheet(PDF) 2 Page - RF Monolithics, Inc

Part # XVT9005
Description  Voltage Controlled Temperature Compensated Crystal Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVT9005 Datasheet(HTML) 2 Page - RF Monolithics, Inc

  XVT9005 Datasheet HTML 1Page - RF Monolithics, Inc XVT9005 Datasheet HTML 2Page - RF Monolithics, Inc XVT9005 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 2 of 3
©2009-2010 by RF Monolithics, Inc.
XVT9005 - 2/2/10
3.2 ±0.2
1.3 (Max)
0.79
1.5
0.79
1.5
1
2
3
4
Pin
Connection
1
Vcon
2
GND/CASE GND
3
Output
4Vcc
4-Terminal Surface-Mount Seam Weld Case
3.2 x 2.5 mm Nominal Footprint
SM3225-4 Case
Application Circuit
C o n t r o l
V o l t a g e
I n p u t
V C C
1 0 n F
O u t p u t
V o l t a g e
C o n t r o l l e d
T e m p e r a t u r e
C o m p e n s a t e d
C r y s t a l
O s c i l l a t o r
1
2
3
4
Dimensions in mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com