Electronic Components Datasheet Search
  English  ▼

X  

2SC4614 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4614
Description  High-Voltage Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4614 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4614 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4614 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SA1770 / 2SC4614
No.3578-4/7
fT -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Ta=75°
C
25°
C
--25°
C
2SC4614
IC / IB=10
--0.01
--0.1
23
5
2
3
5
7
7
72
3
--1.0
--1000
7
5
3
3
2
2
7
5
3
2
--100
Ta=75
°C
25°
C
--25
°C
ITR04581
0.01
0.1
23
5
2
3
5
7
7
72
3
1.0
1000
7
5
3
3
2
2
7
5
3
2
100
ITR04582
2SA1770
IC / IB=10
5
3
2
7
5
3
10
7
100
1.0
37
3
2
10
27
100
55
ITR04580
2SA1770 / 2SC4614
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
2SA1770 / 2SC4614
2SA1770
2SC4614
3
100
10
2
5
7
5
3
2
7
25
32
2
5
3
0.01
0.1
7 1.0
ITR04579
2SA1770
2SC4614
1.0
0.1
5
7
7
7
5
3
2
3
2
5
3
3
2
0.01
5
1.0
10
23
25
37
57
100
25
37
ICP=2.5A
10ms
100ms
DC
operation
IC=1.5A
ITR04585
2SA1770 / 2SC4614
2SA1770 / 2SC4614
0
1.2
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
ITR04586
--1.0
--10
--0.01
--0.1
--1.0
Ta=--25°C
75
°C
7
5
3
2
7
5
3
23
5
2
3
5
7
7
72
3
1.0
10
0.01
0.1
1.0
7
5
3
2
7
5
3
23
5
2
3
5
7
7
72
3
2SA1770
IC / IB=10
ITR04583
25
°C
Ta=--25°C
75
°C
ITR04584
25
°C
2SC4614
IC / IB=10
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com